Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-986-2A1PL Datasheet(PDF) 4 Page - Clare, Inc.

Part # M-986-2A1PL
Description  MF Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2A1PL Datasheet(HTML) 4 Page - Clare, Inc.

  M-986-2A1PL Datasheet HTML 1Page - Clare, Inc. M-986-2A1PL Datasheet HTML 2Page - Clare, Inc. M-986-2A1PL Datasheet HTML 3Page - Clare, Inc. M-986-2A1PL Datasheet HTML 4Page - Clare, Inc. M-986-2A1PL Datasheet HTML 5Page - Clare, Inc. M-986-2A1PL Datasheet HTML 6Page - Clare, Inc. M-986-2A1PL Datasheet HTML 7Page - Clare, Inc. M-986-2A1PL Datasheet HTML 8Page - Clare, Inc. M-986-2A1PL Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.clare.com
4
M-986-2A1
Rev. 3
2 of 6 Coding Format
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Transmit tone command
1
CHN
F6
F5
F4
F3F2
F1
Receive tone return
0
CHN
F6
F5
F4
F3F2
F1
CHN: 1 = channel 2;
0 = channel 1
R1 MF Frequencies:
Bit name
Frequency (Hz)
Bit name
Frequency (Hz)
F6
1700
F3
1100
F5
1500
F2
900
F4
1300
F1
700
(5) Data is driven onto D7-D0 by the M-986 until the
RD signal is driven high by the host processor.
Clock Characteristics and Timing
Internal Clock Option: The internal oscillator is enabled
by connecting a crystal across X1 and X2/CLKIN. The
frequency of CLKOUT is one-fourth the crystal funda-
mental frequency. The crystal should be 20.48 MHz,
fundamental mode, and parallel resonant, with an
effective series resistance of 30 ohms, a power dissi-
pation of 1 mW, and be specified at a load capacitance
of 20 pF.
External Clock Option: An external frequency source
can be used by injecting the frequency directly in
X2/CLKIN with X1 left unconnected. The external fre-
quency injected must conform to the specifications list-
ed in External Frequency Specifications table on page
6.
Flammability/Reliability Specifications
Reliability:
185 FITS failures/billion hours
Flammability:
Passes UL 94 V-0 tests
Binary Coding Format
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Transmit tone command
1
CHN
0
0
A
B
C
D
Receive tone return
0
CHN
0
0
A
B
C
D
CHN: 1 = channel 2;
0 = channel 1
R1 MF Frequencies:
ABCD
Frequencies (Hz)
Name
ABCD
Frequencies (Hz)
Name
0 0 0 0
Tone off
-
1 0 0 0
900 & 1500
Digit 8
0 0 0 1
700 & 900
Digit 1
1 0 0 1
1100 & 1500
Digit 9
0 0 1 0
700 & 1100
Digit 2
1 0 1 0
1300 & 1500
Digit 0
0 0 1 1
900 & 1100
Digit 3
1 0 1 1
700 & 1700
ST3
0 1 0 0
700 & 1300
Digit 4
1 1 0 0
900 & 1700
ST1
0 1 0 1
900 & 1300
Digit 5
1 1 0 1
1100 & 1700
KP
0 1 1 0
1100 & 1300
Digit 6
1 1 1 0
1300 & 1700
ST2
0 1 1 1
700 & 1500
Digit 7
1 1 1 1
1500 & 1700
ST


Similar Part No. - M-986-2A1PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2P CLARE-M-986-2R2P Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2PL CLARE-M-986-2R2PL Datasheet
520Kb / 13P
   MFC Transceivers
More results

Similar Description - M-986-2A1PL

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-839-500 ROSENBERGER-L99-839-500 Datasheet
124Kb / 2P
   MF CABLE ASSEMBLY
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
logo
List of Unclassifed Man...
A220D ETC-A220D Datasheet
112Kb / 1P
   FM-MF ZESILOVAC DEMODULATOR
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
logo
Token Electronics Indus...
MF-2514W100RBP TOKEN-MF-2514W100RBP Datasheet
346Kb / 3P
   MF Metal Film Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com