Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF75CA Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMF75CA
Description  Surface Mount ESD Protection Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMF75CA Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMF75CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMF75CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMF75CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMF5.0A
SMF5.0CA
FE
KE
6.40
7.00
10
400
5.0
21.74
9.2
SMF6.0A
SMF6.0CA
FG
KG
6.67
7.37
10
400
6.0
19.42
10.3
SMF6.5A
SMF6.5CA
FK
KK
7.22
7.98
10
250
6.5
17.86
11.2
SMF7.0A
SMF7.0CA
FM
KM
7.78
8.60
10
100
7.0
16.67
12.0
SMF7.5A
SMF7.5CA
FP
KP
8.33
9.21
1
50
7.5
15.50
12.9
SMF8.0A
SMF8.0CA
FR
KR
8.89
9.83
1
25
8.0
14.71
13.6
SMF8.5A
SMF8.5CA
FT
KT
9.44
10.40
1
10
8.5
13.89
14.4
SMF9.0A
SMF9.0CA
FV
KV
10.00
11.10
1
5
9.0
12.99
15.4
SMF10A
SMF10CA
FX
KX
11.10
12.30
1
2.5
10.0
11.76
17.0
SMF11A
SMF11CA
FZ
KZ
12.20
13.50
1
2.5
11.0
10.99
18.2
SMF12A
SMF12CA
HE
LE
13.30
14.70
1
2.5
12.0
10.05
19.9
SMF13A
SMF13CA
HG
LG
14.40
15.90
1
1
13.0
9.30
21.5
SMF14A
SMF14CA
HK
LK
15.60
17.20
1
1
14.0
8.62
23.2
SMF15A
SMF15CA
HM
LM
16.70
18.50
1
1
15.0
8.20
24.4
SMF16A
SMF16CA
HP
LP
17.80
19.70
1
1
16.0
7.69
26.0
SMF17A
SMF17CA
HR
LR
18.90
20.90
1
1
17.0
7.25
27.6
SMF18A
SMF18CA
HT
LT
20.00
22.10
1
1
18.0
6.85
29.2
SMF19A
SMF19CA
HB
LB
21.10
23.30
1
1
19.0
6.54
30.6
SMF20A
SMF20CA
HV
LV
22.20
24.50
1
1
20.0
6.17
32.4
SMF22A
SMF22CA
HX
LX
24.40
26.90
1
1
22.0
5.63
35.5
SMF24A
SMF24CA
HZ
LZ
26.70
29.50
1
1
24.0
5.14
38.9
SMF26A
SMF26CA
JE
ME
28.90
31.90
1
1
26.0
4.75
42.1
SMF28A
SMF28CA
JG
MG
31.10
34.40
1
1
28.0
4.41
45.4
SMF30A
SMF30CA
JK
MK
33.30
36.80
1
1
30.0
4.13
48.4
SMF33A
SMF33CA
JM
MM
36.70
40.60
1
1
33.0
3.75
53.3
SMF36A
SMF36CA
JP
MP
40.00
44.20
1
1
36.0
3.44
58.1
SMF40A
SMF40CA
JR
MR
44.40
49.10
1
1
40.0
3.10
64.5
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
SMF40A
SMF40CA
JR
MR
44.40
49.10
1
1
40.0
3.10
64.5
SMF43A
SMF43CA
JT
MT
47.80
52.80
1
1
43.0
2.88
69.4
SMF45A
SMF45CA
JV
MV
50.00
55.30
1
1
45.0
2.75
72.7
SMF48A
SMF48CA
JX
MX
53.30
58.90
1
1
48.0
2.58
77.4
SMF51A
SMF51CA
JZ
MZ
56.70
62.70
1
1
51.0
2.43
82.4
SMF54A
SMF54CA
XE
NE
60.00
66.30
1
1
54.0
2.30
87.1
SMF58A
SMF58CA
XG
NG
64.40
71.20
1
1
58.0
2.14
93.6
SMF60A
SMF60CA
XK
NK
66.70
73.70
1
1
60.0
2.07
96.8
SMF64A
SMF64CA
XM NM
71.10
78.60
1
1
64.0
1.94
103.0
SMF70A
SMF70CA
XP
NP
77.80
86.00
1
1
70.0
1.77
113.0
SMF75A
SMF75CA
XR
NR
83.30
92.10
1
1
75.0
1.65
121.0
SMF78A
SMF78CA
XT
NT
86.70
95.80
1
1
78.0
1.59
126.0
SMF80A
SMF80CA
XB
NB
88.80
97.60
1
1
80.0
1.55
129.0
SMF85A
SMF85CA
XV
NV
94.40
104.00
1
1
85.0
1.46
137.0
SMF90A
SMF90CA
XX
NX
100.00
111.00
1
1
90.0
1.37
146.0
SMF100A
SMF100CA
XZ
NZ
111.00
123.00
1
1
100.0
1.23
162.0
SMF110A
SMF110CA
TE
PE
122.00
135.00
1
1
110.0
1.13
177.0
SMF120A
SMF120CA
TG
PG
133.00
147.00
1
1
120.0
1.04
193.0
SMF130A
SMF130CA
TK
PK
144.00
159.00
1
1
130.0
0.96
209.0
SMF140A
SMF140CA
TB
PB
155.00
171.00
1
1
140.0
0.89
224.0
SMF150A
SMF150CA
TM
PM
167.00
185.00
1
1
150.0
0.82
243.0
SMF160A
SMF160CA
TP
PP
178.00
197.00
1
1
160.0
0.77
259.0
SMF170A
SMF170CA
TR
PR
189.00
209.00
1
1
170.0
0.73
275.0
SMF180A
SMF180CA
TT
PT
200.00
220.00
1
1
180.0
0.68
292.0
SMF190A
SMF190CA
TV
PV
211.00
232.00
1
1
190.0
0.65
308.0
SMF200A
SMF200CA
TX
PX
224.00
247.00
1
1
200.0
0.62
324.0
SMF220A
SMF220CA
TZ
PZ
246.00
272.00
1
1
220.0
0.56
356.0
Note:
1. The available parts are "A" type only,the parts without A(VBR is ±10%) is not available
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
http://www.luguang.cn
mail:lge@luguang.cn
SMF5.0A-SMF220A
Surface Mount ESD Protection Diodes


Similar Part No. - SMF75CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF75CA MCC-SMF75CA Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
SAMYANG ELECTRONICS CO....
SMF75CA SAMYANG-SMF75CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMF75CA LUGUANG-SMF75CA Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Shanghai Yint Electroni...
SMF75CA YINT-SMF75CA Datasheet
814Kb / 5P
   SMF Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMF75CA MCC-SMF75CA Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SMF75CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com