Electronic Components Datasheet Search |
|
SMBJ40C Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SMBJ40C Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 6 page SMBJ SERIES 600 Watts Surface Mount Transient Voltage Suppressor Features For surface mounted application Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1 μA above 10V High temperature soldering guaranteed: 260oC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 600 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle Mechanical Data Case: Molded plastic Terminals: Pure tin plated lead free, Polarity: Indicated by cathode band except bipolar Weight: 0.093gram Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Type Number Symbol Value Units Peak Power Dissipation at TA=25 oC, Tp=1ms (Note 1) PPK Minimum 600 Watts Steady State Power Dissipation Pd 3 Watts Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only IFSM 100 Amps Maximum Instantaneous Forward Voltage at 50.0A for Unidirectional Only (Note 4) VF 3.5 / 5.0 Volts Typical Thermal Resistance (Note 5) RθJC RθJA 10 55 oC/W Operating and Storage Temperature Range TJ, TSTG -65 to + 150 oC Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 oC Per Fig. 2. 2. Mounted on 5.0mm 2 (.013 mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 pulses Per Minute Maximum. 4. VF=3.5V on SMBJ5.0 thru SMBJ90 Devices and VF=5.0V on SMBJ100 thru SMBJ170 Devices. 5. Measured on P.C.B. with 0.27 x 0.27” (7.0 x 7.0mm) Copper Pad Areas . Devices for Bipolar Applications 1. For Bidrectional Use C or CA Suffix for Types SMBJ5.0 through Types SMBJ170. 2. Electrical Characteristics Apply in Both Directions. http://www.luguang.cn mail:lge@luguang.cn SMB/DO-214AA 0.180(4.57) 0.160(4.06) 0.086(2.20) 0.077(1.95) 0.209(5.30) 0.201(5.10) 0.155(3.94) 0.130(3.30) Dimensions in inches and(millimeters) 0.012(0.30) 0.006(0.15) 0.008(0.20) 0.096(2.44) 0.084(2.13) 0.059(1.50) 0.035(0.90) 0.002(0.05) |
Similar Part No. - SMBJ40C |
|
Similar Description - SMBJ40C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |