Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ150A Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMBJ150A
Description  600 Watts Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ150A Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ150A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ150A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ150A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ150A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ150A Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ150A Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ200
SMBJ200C
PW
EW
200
222
282.0
1.0
356
1.7
5.0
SMBJ200A
SMBJ200CA
PX
EX
200
222
256.0
1.0
322
1.9
5.0
SMBJ210
SMBJ210C
PY
EY
210
233
296.1
1.0
375
1.6
5.0
SMBJ210A
SMBJ210CA
PZ
EZ
210
233
268.8
1.0
339
1.8
5.0
SMBJ220
SMBJ220C
QD
FD
220
244
310.2
1.0
392
1.5
5.0
SMBJ220A
SMBJ220CA
QE
FE
220
244
281.6
1.0
355
1.7
5.0
SMBJ250
SMBJ250C
QF
FF
250
278
342.5
1.0
447
1.3
5.0
SMBJ250A
SMBJ250CA
QG
FG
250
278
309.0
1.0
403
1.5
5.0
SMBJ300
SMBJ300C
QH
FH
300
333
411.0
1.0
535
1.1
5.0
SMBJ300A
SMBJ300CA
QK
FK
300
333
371.0
1.0
484
1.2
5.0
SMBJ350
SMBJ350C
QL
FL
350
389
479.5
1.0
624
1.0
5.0
SMBJ350A
SMBJ350CA
QM
FM
350
389
432.0
1.0
565
1.1
5.0
SMBJ400
SMBJ400C
QN
FN
400
444
548.0
1.0
687
0.9
5.0
SMBJ400A
SMBJ400CA
QP
FP
400
444
494.0
1.0
645
0.9
5.0
SMBJ440
SMBJ440C
QQ
FQ
440
489
602.8
1.0
786
0.8
5.0
SMBJ440A
SMBJ440CA
QR
FR
440
489
543.0
1.0
710
0.8
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
http://www.luguang.cn
Email:lge@luguang.cn
SMBJ SERIES
600 Watts Surface Mount
Transient Voltage Suppressor


Similar Part No. - SMBJ150A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ150A JGD-SMBJ150A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ150A VISHAY-SMBJ150A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Littelfuse
SMBJ150A LITTELFUSE-SMBJ150A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Guangdong Juxing Electr...
SMBJ150A JUXING-SMBJ150A Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
Weitron Technology
SMBJ150A WEITRON-SMBJ150A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ150A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB_SERIES PANJIT-P6SMB_SERIES_14 Datasheet
246Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com