Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMA160STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # OMA160STR
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

OMA160STR Datasheet(HTML) 3 Page - Clare, Inc.

  OMA160STR Datasheet HTML 1Page - Clare, Inc. OMA160STR Datasheet HTML 2Page - Clare, Inc. OMA160STR Datasheet HTML 3Page - Clare, Inc. OMA160STR Datasheet HTML 4Page - Clare, Inc. OMA160STR Datasheet HTML 5Page - Clare, Inc. OMA160STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OMA160
www.clare.com
Rev. 6
3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
OMA160
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
367.5
381.5
395.5
402.5
374.5
388.5
Blocking Voltage (V)
OMA160
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
400
395
390
385
380
375
370
365
-20
0
20
40
60
80
100
OMA160
Typical Turn-On vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
10mA
20mA
-40
1.50
1.25
1.00
0.75
0.50
0.25
0
-20
0
20
40
60
80
100
OMA160
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC)
2.075
2.975
1.625
2.525
3.425
3.875
LED Current (mA)
25
20
15
10
5
0
OMA160
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC
25
20
15
10
5
0
2.075
2.975
1.625
2.525
3.425
3.875
LED Current (mA)
)
OMA160
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
35
30
25
20
15
10
5
0
42.5
44.5
46.5
47.5
43.5
45.5
On-Resistance (
Ω)
OMA160
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
0.05
0.09
0.13
0.15
0.07
0.11
Turn-On (ms)
30
25
20
15
10
5
0
OMA160
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
0.012
0.022
0.032
0.037
0.027
0.017
Turn-Off (ms)
25
20
15
10
5
0
OMA160
Typical Load Current vs. Temperature
Temperature (
°C)
100
90
80
70
60
50
40
30
20
10
0
-40
-20
0
20
40
60
80
120
100
30mA
20mA
10mA
OMA160
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
OMA160
Typical Turn-Off vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
0.050
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
10mA
OMA160
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 10mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)


Similar Part No. - OMA160STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
OMA160STR CLARE-OMA160STR Datasheet
317Kb / 5P
   Single Pole OptoMOS짰 Relay
More results

Similar Description - OMA160STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com