Selected language     English  ▼


G003B Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part No. G003B
Description  InGaP HBT Gain Block
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

   
 1 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 1 of 4
January 2008
ECG003
InGaP HBT Gain Block
Product Features
DC – 6 GHz
+24 dBm P1dB at 1 GHz
+39 dBm OIP3 at 1 GHz
20 dB Gain at 1 GHz
3.6 dB Noise Figure
Available in Lead-free / green
SOT-89 Package Style
Internally matched to 50 Ω
Applications
Mobile Infrastructure
CATV / FTTX
W-LAN / ISM
RFID
WiMAX / WiBro
Product Description
The ECG003 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 1000 MHz, the ECG003 typically provides 20
dB of gain, +39 dBm Output IP3, and +24 dBm P1dB.
The ECG003 consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT process technology
and only requires DC-blocking capacitors, a bias resistor,
and an inductive RF choke for operation. The device is
ideal for wireless applications and is available in a low-
cost, surface-mount lead-free/green/RoHS-compliant SOT-
89 package. All devices are 100% RF and DC tested.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the ECG003 will work for other various applications within
the DC to 6 GHz frequency range such as CATV and
mobile wireless.
Functional Diagram
RF IN
GND
RF OUT
GND
1
23
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
6000
Test Frequency
MHz
1000
Gain
dB
20
Output P1dB
dBm
+24
Output IP3
(3)
dBm
+39
Noise Figure
dB
3.5
Test Frequency
MHz
2000
Gain
dB
18
19
Input Return Loss
dB
15
Output Return Loss
dB
10
Output P1dB
dBm
+23
Output IP3
(2)
dBm
+34
+36
Noise Figure
dB
3.6
Device Voltage
V
6.7
7.2
7.6
Device Current
mA
110
Output mismatch w/o spurs
VSWR
10:1
1. Test conditions unless otherwise noted: 25º C, Supply Voltage = +9 V, Rbias = 16 Ω, 50 Ω System.
2. 3OIP measured with two tones at an output power of +11 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Storage Temperature
-65 to +150
°C
RF Input Power (continuous)
+10 dBm
Device Current
160 mA
Junction Temperature
+160
°C
Thermal Resistance
86
°C/W
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(1)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
21
20
19
18.7
S11
dB
-19
-18
-16
-15
S22
dB
-14
-13
-10
-10
Output P1dB
dBm
+24.4
+24
+23
+22.5
Output IP3
dBm
+39
+39
+36
+35
Noise Figure
dB
3.5
3.5
3.6
3.7
Ordering Information
Part No.
Description
ECG003B-G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 package)
ECG003B-PCB
700 –2400 MHz Fully Assembled Eval. Board




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl