Electronic Components Datasheet Search
Selected language     English  ▼


G003B Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part No. G003B
Description  InGaP HBT Gain Block
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

   
 2 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 2 of 4
January 2008
ECG003
InGaP HBT Gain Block
Typical Device RF Performance
(3)
Supply Bias = +9 V, Rbias = 16 Ω, Icc = 110 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
21
21
20.4
19
18.7
18.2
17.4
14
S11
dB
-20
-19
-18
-16
-15
-13
-12
-6
S22
dB
-15
-14
-13
-10
-10
-8
-7
-3
Output P1dB
dBm
+24.4
+24.4
+24
+23
+22.5
+20.5
+18.7
12
Output IP3
dBm
+38
+39
+39
+36
+35
+34
+31
Noise Figure
dB
3.9
3.6
3.5
3.6
3.7
3.7
4.2
1. Test conditions: T = 25º C, Supply Voltage = +9 V, Device Voltage = 7.2 V, Rbias = 16
Ω, Icc = 110 mA typical, 50 Ω System.
2. 3OIP measured with two tones at an output power of +11 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit. The performance data does not
account for losses attributed to recommended input and output series resistances shown in the application circuit on page 3.
Gainvs. Frequency
14
16
18
20
22
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25C
-40C
+85C
S11, S22 vs. Frequency
-25
-20
-15
-10
-5
0
01
2345
6
Frequency (GHz)
S11
S22
Icc vs. Vde
0
20
40
60
80
100
120
140
0.0
2.0
4.0
6.0
8.0
10.0
Vde (V)
+25C
OIP3 vs. Frequency
25
30
35
40
45
500
1000
1500
2000
2500
3000
Frequency(MHz)
+25C
-40C
+85C
Noise Figure vs. Frequency
1.5
2
2.5
3
3.5
4
500
1000
1500
2000
Frequency(MHz)
P1dBvs. Frequency
10
15
20
25
30
500
1000
1500
2000
2500
3000
Frequency(MHz)
+25C
-40C
-85C
S-Parameters (Vdevice = +7.2 V, ICC = 110 mA, T = 25°C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-20.36
-0.18
20.46
177.69
-23.19
-0.38
-13.95
-2.86
500
-19.29
-24.13
20.19
157.68
-23.08
-2.33
-13.44
-35.26
1000
-17.78
-51.50
19.84
136.88
-22.93
-4.52
-12.45
-68.47
1500
-16.23
-75.63
19.40
117.06
-22.61
-7.13
-11.26
-97.26
2000
-14.71
-98.28
19.06
97.71
-22.16
-9.76
-9.96
-123.04
2500
-13.16
-118.71
18.65
78.13
-21.61
-13.40
-8.82
-145.90
3000
-12.14
-139.91
18.23
59.26
-20.91
-17.67
-7.63
-167.85
3500
-11.24
-161.53
17.77
40.27
-20.11
-23.92
-6.59
171.00
4000
-10.30
174.59
17.32
20.70
-19.35
-31.44
-5.32
150.44
4500
-9.20
147.71
16.71
0.41
-18.62
-41.28
-4.19
128.81
5000
-7.76
120.30
15.97
-19.87
-18.16
-52.98
-3.10
107.78
5500
-6.63
92.76
14.85
-40.81
-18.05
-66.03
-2.28
87.09
6000
-5.54
70.28
13.49
-59.45
-18.34
-79.15
-1.78
67.70
Device S-parameters are available for download off of the website at: http://www.wj.com




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl