Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54TS Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BAT54TS
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAT54TS Datasheet(HTML) 2 Page - Unisonic Technologies

  BAT54TS Datasheet HTML 1Page - Unisonic Technologies BAT54TS Datasheet HTML 2Page - Unisonic Technologies BAT54TS Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT54TS
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-068.b
ABSOLUTE MAXIMUM RATINGS
(TA=25°C, unless otherwise specified. Fore capacitive load, derate current by 20%)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
30
V
Continuous Forward Current
IF
0.2
A
Peak Forward Surge Current, 1.0s Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
0.6
A
Junction Capacitance (VR=1V)
CJ
10
pF
Storage Temperature
TSTG
-55~+150
°C
Operating Junction Temperature
TJ
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
667
°C/W
ELECTRICAL CHARACTERISTICS
(TA=25°C, unless otherwise specified. Fore capacitive load, derate current by 20%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Maximum Instantaneous Forward Voltage
VF
IF = 0.1mA
0.24
V
IF = 1mA
0.32
V
IF = 10mA
0.4
V
IF = 30mA
0.5
V
IF = 100mA
0.8
V
DC Reverse Current at Rated DC Blocking Voltage
IR
VR = 25V
2
μA


Similar Part No. - BAT54TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TS PANJIT-BAT54TS Datasheet
114Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TS-AU PANJIT-BAT54TS-AU Datasheet
201Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TS-AU PANJIT-BAT54TS-AU Datasheet
142Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
BAT54TS-AU PANJIT-BAT54TS-AU_18 Datasheet
142Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
BAT54TS-AU_R1_000A1 PANJIT-BAT54TS-AU_R1_000A1 Datasheet
201Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - BAT54TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com