Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31067-1010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 31067-1010
Description  2.54mm H-DAC 64?? 3 Way Receptacle Assembly, Single Row, Polarization A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

31067-1010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  31067-1010 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
31067-1010
Status:
Active
Overview:
H-DAC 64™ Connector System
Description:
2.54mm H-DAC 64™, 3 Way Receptacle Assembly, Single Row, Polarization A
Documents:
3D Model
Application Specification AS-31067-100 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-31100-0001 (PDF)
General
Product Family
Crimp Housings
Series
31067
Application
Power, Wire-to-Board
Comments
Polarization Option A, Black
Overview
H-DAC 64™ Connector System
Product Name
H-DAC 64™
UPC
800756063041
Physical
Circuits (maximum)
3
Circuits Detail
3
Color - Resin
Black, White
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene, Polyester
Net Weight
1.100/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
11A, 9A
Material Info
Reference - Drawing Numbers
Application Specification
AS-31067-100
Product Specification
PS-31100-0001
Sales Drawing
SD-31109-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31067Series
Mates With
31101 HDAC 64™ Vertical Header
Use With
See Product Spec
This document was generated on 04/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 31067-1010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31067-1010 MOLEX4-31067-1010 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?? 3 Way Receptacle Assembly, Single-Row, Polarization A
More results

Similar Description - 31067-1010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0310671010 MOLEX4-0310671010 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?? 3 Way Receptacle Assembly, Single-Row, Polarization A
31067-1011 MOLEX11-31067-1011 Datasheet
52Kb / 1P
   2.54mm H-DAC 64?? 3 Way Receptacle Assembly, Single Row, Polarization B
31068-1010 MOLEX11-31068-1010 Datasheet
54Kb / 1P
   2.54mm H-DAC 64?? 4 Way Receptacle Assembly, Single Row, Polarization A
31067-1012 MOLEX11-31067-1012 Datasheet
52Kb / 1P
   2.54mm H-DAC 64?? 3 Way Receptacle Assembly, Single Row, Polarization C
31072-1010 MOLEX11-31072-1010 Datasheet
54Kb / 1P
   2.54mm H-DAC 64, 5 Way Receptacle Assembly, Single Row, Polarization A
31073-1010 MOLEX11-31073-1010 Datasheet
44Kb / 1P
   2.54mm H-DAC 64, 6 Way Receptacle Assembly, Single Row, Polarization A
0310721010 MOLEX4-0310721010 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?? 5 Way Receptacle Assembly, Single-Row, Polarization A
31067-1040 MOLEX11-31067-1040 Datasheet
43Kb / 1P
   2.54mm H-DAC 64?? 3 Way Male Housing Assembly, Single Row, Polarization A
31073-1011 MOLEX11-31073-1011 Datasheet
44Kb / 1P
   2.54mm H-DAC 64, 6 Way Receptacle Assembly, Single Row, Polarization B
31073-1012 MOLEX11-31073-1012 Datasheet
44Kb / 1P
   2.54mm H-DAC 64, 6 Way Receptacle Assembly, Single Row, Polarization C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com