Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-292230-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-292230-1
Description  SINGLE ROW POST HDR ASSY SMT TYPE WITH BOSS, EMBOSS TAPE PACKAGED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-292230-1 Datasheet(HTML) 4 Page - Tyco Electronics

  1-292230-1 Datasheet HTML 1Page - Tyco Electronics 1-292230-1 Datasheet HTML 2Page - Tyco Electronics 1-292230-1 Datasheet HTML 3Page - Tyco Electronics 1-292230-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 1-292230-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-292206-0 MACOM-1-292206-0 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292206-1 MACOM-1-292206-1 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292206-2 MACOM-1-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292206-3 MACOM-1-292206-3 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292206-4 MACOM-1-292206-4 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
More results

Similar Description - 1-292230-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292207 MACOM-292207 Datasheet
138Kb / 2P
   AMP MINI CT CONNECTOR 1.5MM PITCH SINGLE ROW POST HDR ASSY DIP STAGGERED TYPE WITH BOSS WITH KINK
5-5353187-5 MACOM-5-5353187-5 Datasheet
250Kb / 2P
   EMBOSS ASSY
5353929-1 MACOM-5353929-1 Datasheet
257Kb / 3P
   EMBOSS ASSY STD TYPE USB CONN
logo
FCI connector
10017251 FCI-CONNECTOR-10017251 Datasheet
213Kb / 2P
   EMBOSS TAPE PACKAGE
logo
TE Connectivity Ltd
C-6123001 TEC-C-6123001 Datasheet
374Kb / 2P
   EMBOSS ASSY FOR FH 0.8BTB CONNECTOR PLUG 8H 0.5 BOSS LENGTH (0.76um GOLD)
logo
List of Unclassifed Man...
103735 ETC1-103735 Datasheet
91Kb / 1P
   HDR ASSY, VERT, SINGLE ROW 2.54[.100], 0.64[.025] SQ POST, WITH PLZN & LATCHING, AMPMODU MTE
logo
Tyco Electronics
917541 MACOM-917541 Datasheet
209Kb / 2P
   4 POS SINGLE ROW HORIZONTAL HDR ASSY
2-103669-7 MACOM-2-103669-7 Datasheet
256Kb / 2P
   HDR ASSY, VERT, SINGLE ROW 2.54 [.100] C/L 0.64 [.025] SQ POST WITH PLZN, AMPMODU MTE
2-103669-9 MACOM-2-103669-9 Datasheet
256Kb / 2P
   HDR ASSY, VERT, SINGLE ROW 2.54 [.100] C/L 0.64 [.025] SQ POST WITH PLZN, AMPMODU MTE
2-103669-8 MACOM-2-103669-8 Datasheet
256Kb / 2P
   HDR ASSY, VERT, SINGLE ROW 2.54 [.100] C/L 0.64 [.025] SQ POST WITH PLZN, AMPMODU MTE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com