Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN7019 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN7019
Description  SAW Filter Electrical Characteristic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN7019 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN7019 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SIPAT Co.,Ltd
www.sipatsaw.com
China Electronics Technology Group Corporation No.26 Research Institute
P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com
LBN7019 SAW Filter Electrical Characteristic
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.85
70
70.15
Insertion Loss
dB
24.7
26
1 dB Bandwidth
MHz
9
9.9
3 dB Bandwidth
MHz
10
10.2
40 dB Bandwidth
MHz
11.7
12
Passband Variation
dB
0.3
1
Phase Linearity
degrees
2.3
4
Group Delay Variation
nsec
40
60
Absolute Delay
usec
2. 5
Ultimate Rejection
dB
50
60
Subatrate Material
YZ LiNbO3
Ambient Temperature
°C
25
Package Size
DIP2212 (22.2x12.6x5.2mm
3)
Typical Performance
Package Outline
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN7019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7019 SIPAT-LBN7019 Datasheet
73Kb / 1P
   SAW Filter Electrical Characteristic
More results

Similar Description - LBN7019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT6502 SIPAT-LBT6502 Datasheet
88Kb / 1P
   SAW Filter Electrical Characteristic
LBT7003L SIPAT-LBT7003L Datasheet
76Kb / 1P
   SAW Filter Electrical Characteristic
LBN16004 SIPAT-LBN16004 Datasheet
139Kb / 1P
   SAW Filter Electrical Characteristic
LBN16008 SIPAT-LBN16008 Datasheet
49Kb / 1P
   SAW Filter Electrical Characteristic
LBN21001 SIPAT-LBN21001 Datasheet
47Kb / 1P
   SAW Filter Electrical Characteristic
LBN07080 SIPAT-LBN07080 Datasheet
44Kb / 1P
   SAW Filter Electrical Characteristic
LBN08021 SIPAT-LBN08021 Datasheet
64Kb / 1P
   SAW Filter Electrical Characteristic
LBS14027 SIPAT-LBS14027 Datasheet
129Kb / 1P
   SAW Filter Electrical Characteristic
LBS15701 SIPAT-LBS15701 Datasheet
49Kb / 1P
   SAW Filter Electrical Characteristic
LBS16012 SIPAT-LBS16012 Datasheet
46Kb / 1P
   SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
   SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com