Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11AG1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # H11AG1
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AG1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H11AG1 Datasheet HTML 1Page - Fairchild Semiconductor H11AG1 Datasheet HTML 2Page - Fairchild Semiconductor H11AG1 Datasheet HTML 3Page - Fairchild Semiconductor H11AG1 Datasheet HTML 4Page - Fairchild Semiconductor H11AG1 Datasheet HTML 5Page - Fairchild Semiconductor H11AG1 Datasheet HTML 6Page - Fairchild Semiconductor H11AG1 Datasheet HTML 7Page - Fairchild Semiconductor H11AG1 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 5. Normalized Collector Base Photocurrent Ratio vs. Forward Current
I
F - FORWARD CURRENT - mA
0
102030405060708090
100
0
5
10
15
20
25
30
Figure 6. Normalized Collector - Base Current vs. Temperature
T
A - AMBIENT TEMPERATURE -
oC
-60
-40
-20
0
20
40
60
80
100
0.001
0.01
0.1
1
10
A
NORMALIZED TO:
IF = 5mA
VCB = 5V
T = 25
o C
NORMALIZED TO:
IF = 5mA
VCB = 5V
TA = 25
oC
IF = 0.2mA
IF = 1mA
IF = 0.5mA
IF = 2mA
IF = 5mA
IF = 10mA
Figure 7. Collector-Emitter Dark Current vs. Ambient Temperature
T
A - AMBIENT TEMPERATURE (
oC)
0
102030405060708090
100
0.1
1
10
100
1000
10000
IF = 0mA
VCE = 10V
www.fairchildsemi.com
4 OF 8
1/28/02
DS300213
PHOTOTRANSISTOR OPTOCOUPLERS
H11AG1
H11AG2
H11AG3


Similar Part No. - H11AG1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11AG1 QT-H11AG1 Datasheet
392Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AG1 FAIRCHILD-H11AG1 Datasheet
139Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AG1M FAIRCHILD-H11AG1M Datasheet
248Kb / 9P
   Phototransistor Optocoupler
H11AG1M FAIRCHILD-H11AG1M Datasheet
277Kb / 10P
   Phototransistor Optocoupler
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
More results

Similar Description - H11AG1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com