Selected language     English  ▼


G-NICO-018 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. G-NICO-018
Description  TSYS01 Digital Temperature Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 2 page
background image
TSYS01 Digital Temperature Sensor
TSYS01 Rev E0.3
www.meas-spec.com
2012-01-13
2/10
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limiting values of permitted operation and should never be
exceeded under the worst possible conditions either initially or consequently. If exceeded by
even the smallest amount, instantaneous catastrophic failure can occur. And even if the
device continues to operate satisfactorily, its life may be considerably shortened.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
-0.3
+3.6
V
Operating Temperature
Top
-40
+125
°C
Storage temperature
Tstor
-55
+150
°C
ESD rating
ESD
Human Body Model (HBM)
pin to pin including VDD and
GND
-4
+4
kV
Humidity
Hum
Non condensing
OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Supply Voltage
VDD
stabilized
2.2
3.6
V
High Accuracy Supply Voltage
VDD
To achieve Acc1
3.2
3.4
V
Supply Current
IDD
1 sample per second
12.5
µA
Standby current
IS
No conversion, VDD = 3V
T = 25°C
T = 85°C
0.02
0.70
0.14
1.40
µA
µA
Peak Supply Current
IDD
During conversion
1.4
mA
Conversion time
TCONV
7.40
8.22
9.04
ms
Serial Data Clock SPI
FSCLK
20
MHz
Serial Data Clock I
2C
FSCL
400
kHz
VDD Capacitor
Place close to the chip
100nF
OPERATIONAL CHARACTERISTICS
If not otherwise noted, 3.3V supply voltage is applied.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Temperature Measurement
Range
TRANG
-40
125
°C
Accuracy 1
TACC1
-5°C < T < +50°C
VDD = 3.2V – 3.4V
-0.1
+0.1
°C
Accuracy 2
TACC2
-40°C < T < +125°C
VDD = 3.2V – 3.4V
-0.5
+0.5
°C
PSSR
VDD = 2.7 – 3.6
T = 25°C, C = 100nF
0.2
°C
Temperature Resolution
TRES
0.01
°C
Time Constant
T
t10-90
T1=25°C T 2=75°C
PCB 900mm
2 x 1.5mm FR4
9
s
Self Heating
SH1
10 samples/s, 60s, still air
0.02
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl