Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G-NICO-018 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G-NICO-018
Description  TSYS01 Digital Temperature Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G-NICO-018 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G-NICO-018 Datasheet HTML 1Page - List of Unclassifed Manufacturers G-NICO-018 Datasheet HTML 2Page - List of Unclassifed Manufacturers G-NICO-018 Datasheet HTML 3Page - List of Unclassifed Manufacturers G-NICO-018 Datasheet HTML 4Page - List of Unclassifed Manufacturers G-NICO-018 Datasheet HTML 5Page - List of Unclassifed Manufacturers G-NICO-018 Datasheet HTML 6Page - List of Unclassifed Manufacturers G-NICO-018 Datasheet HTML 7Page - List of Unclassifed Manufacturers G-NICO-018 Datasheet HTML 8Page - List of Unclassifed Manufacturers G-NICO-018 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TSYS01 Digital Temperature Sensor
TSYS01 Rev E0.3
www.meas-spec.com
2012-01-13
3/10
ANALOGUE TO DIGITAL CONVERTER
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Word
24
bit
Conversion Time
tc
7.40
8.22
9.04
ms
DIGITAL INPUTS (SCLK, SDI, CSB, PS)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
VDD = 2.2…3.6V
0.7 VDD
VDD
V
Input Low Voltage
VIL
VDD = 2.2…3.6V
0.0 VDD
0.3 VDD
V
CS low to first SCLK rising
tCSL
21
ns
CS high to first SCLK rising
tCSH
21
ns
SDI setup to first SCLK rising
TDSO
6
ns
SDI hold to first SCLK rising
TDO
6
ns
DIGITAL OUTPUTS (SDA, SDO)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output High Voltage
VOH
ISource = 1mA
0.8 VDD
VDD
V
Output Low Voltage
VOL
ISink = 1mA
0.0 VDD
0.2 VDD
V
SDO setup to first SCLK rising
tQS
10
ns
SDO hold to first SCLK rising
t
QH
0
ns


Similar Part No. - G-NICO-018

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
G-NSDOG2-001 TEC-G-NSDOG2-001 Datasheet
286Kb / 4P
   Dual axis inclinometer
G-NSDOG2-002 TEC-G-NSDOG2-002 Datasheet
286Kb / 4P
   Dual axis inclinometer
G-NSDOG2-003 TEC-G-NSDOG2-003 Datasheet
286Kb / 4P
   Dual axis inclinometer
G-NSDOG2-200 TEC-G-NSDOG2-200 Datasheet
462Kb / 4P
   Dual axis inclinometer
G-NSDOG2-207 TEC-G-NSDOG2-207 Datasheet
462Kb / 4P
   Dual axis inclinometer
More results

Similar Description - G-NICO-018

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
logo
ams AG
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
   Digital Temperature Sensor
logo
ATMEL Corporation
AT30TS75A ATMEL-AT30TS75A_14 Datasheet
1Mb / 37P
   Digital Temperature Sensor
AT30TS74 ATMEL-AT30TS74_14 Datasheet
1Mb / 41P
   Digital Temperature Sensor
logo
Humirel
TSYS01 HUMIREL-TSYS01 Datasheet
359Kb / 9P
   Digital Temperature Sensor
logo
ams AG
AS6221T AMSCO-AS6221T Datasheet
1Mb / 37P
   Digital Temperature Sensor
v1-00 2022-Apr-08
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01_17 Datasheet
157Kb / 3P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com