Selected language     English  â–¼


G-NICO-018 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. G-NICO-018
Description  TSYS01 Digital Temperature Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 4 page
background image
TSYS01 Digital Temperature Sensor
TSYS01 Rev E0.3
www.meas-spec.com
2012-01-13
4/10
CONNECTION DIAGRAM
PIN FUNCTION TABLE
Pin
Name
Type
Function
1
VSS
G
Ground
2
CSB
DI
SPI: Chip Select (active low)
I
2C: Address Selection
3
SCLK/SCL
DI
SPI: Serial Data Clock
I2C: Serial Data Clock
4
SDI/SDA
DIO
SPI: Serial Data Input
I2C: Data Input / Output
5
SDO
DO
SPI: Serial Data Output
6 – 9
NC
---
Not connected / Do not connect
10
INT / EXT
DI/AI
Internal / External Sensor Selection
Internal Sensor: Connect Pin10 with Pin11
External Sensor: Connect external Sensor
11
INT
DI/AI
Internal / External Sensor Selection
Internal Sensor: Connect Pin11 with Pin10
External Sensor: Leave Unconnected
12
EXT
DI/AI
Internal / External Sensor Selection
Internal Sensor: Leave Unconnected
External Sensor: Connect external Sensor
13 – 14
NC
---
Not connected / Do not connect
15
VDD
P
Supply Voltage
16
PS
DI
Communication protocol select (0=SPI, 1=I
2C)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl