Selected language     English  ▼


G-NICO-018 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. G-NICO-018
Description  TSYS01 Digital Temperature Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
TSYS01 Digital Temperature Sensor
TSYS01 Rev E0.3
www.meas-spec.com
2012-01-13
1/10
High Accuracy Temperature Sensor
16/24 bit Resolution
Low Power
SPI/I
2C Interface
QFN16 Package
DESCRIPTION
The TSYS01 is a single chip, versatile, new technology temperature sensor. The TSYS01
provides factory calibrated temperature information. It includes a temperature sensing chip
and a 24 bit
-ADC. The essence of the digital 24 bit temperature value and the internal
factory set calibration values lead to highly accurate temperature information accompanied
by high measurement resolution.
The TSYS01 can be interfaced to any microcontroller by an I
2C or SPI interface. This
microcontroller has to calculate the temperature result based on the ADC values and the
calibration parameters.
The basic working principle is:
Converting temperature into digital 16/24 bit ADC value
Providing calibration coefficients
Providing ADC value and calibration coefficients by SPI or I
2C interface.
FEATURES
APPLICATIONS
High Accuracy ±0.1°C @ Temp.: -5°C … +50°C
Industrial Control
Adjustment of high accuracy temp. range on request
Replacement of Thermistors and NTCs
Low Current, <12.5 A (standby < 0.14 A)
Heating / Cooling Systems
SPI / I
2C Interface
HVACR
Small Package: QFN16
Operating Temperature Range: -40°C … +125°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl