Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7E-01BRP2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # M7E-01BRP2
Description  New Models with Blanking Function Added to the Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E-01BRP2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  M7E-01BRP2 Datasheet HTML 1Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 2Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 3Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 4Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 5Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 6Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 7Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 8Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Digital Display (14 mm)
M7E
New Models with Blanking Function Added
to the Series
• Single-color (red or green) and two-color (red or green
selectable) displays with a character height of 14 mm are
available for a variety of applications and locations.
• Miniature design with a 43-mm depth is perfect for saving space
in equipment and devices.
• Wide-range power supply from 12 to 24 VDC.
• Negative sign (
−) display with signal codes is possible for
Decimal-display Models.
• Models with zero suppression function available.
Model Configuration
■ Unit Configuration
Displays +,
−, 1
and . (decimal point).
Decimal Display Unit
Displays 0, 1, 2, ….9, and . (decimal point)
with a character height of 14.2 mm.
Displays 0, 1, 2, ….9, A, B, ……F,
and . (decimal point)
with a character height of 14.2 mm.
Spacer
Hexadecimal Display Unit
Used to separate displays and
to allow space for changes in
specifications. Available in
black and in light gray.
Displays units with text and symbols
(see face plates) with a surface-
lighting LED.
Unit Display Unit
Facilitates maintenance and
inspection. Available with soldered
terminals or with PCB terminals.
Connector
Used for panel mounting.
Right and Left Plates form a
pair (available as sets only).
Black or light gray.
End Plate (Right)
End Plate (Left)
±1. Display Unit
http://www.ia.omron.com/
1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - M7E-01BRP2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M7E-01BRP2 OMRON-M7E-01BRP2 Datasheet
1Mb / 14P
   Digital Display (14 mm)
More results

Similar Description - M7E-01BRP2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
   New Models with International Standards
G3M-203P-UTU-1-4DC5 OMRON-G3M-203P-UTU-1-4DC5 Datasheet
339Kb / 6P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
G3M203PL424DC OMRON-G3M203PL424DC Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Omron Electronics LLC
G3VM353A OMRON-G3VM353A Datasheet
515Kb / 6P
   Analog-switching MOS FET Relays with SPST-NC Contact. General-purpose Models Added.
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
   New standard for the semi-automatic dicer with new operability
logo
List of Unclassifed Man...
T7234 ETC1-T7234 Datasheet
676Kb / 76P
   Compliance with the New ETSI PSD Requirement
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
THine Electronics, Inc.
THCS134 THINE-THCS134 Datasheet
600Kb / 19P
   The THCS134 provides a function to serialize
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com