Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7E-01BRP2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # M7E-01BRP2
Description  New Models with Blanking Function Added to the Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E-01BRP2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button M7E-01BRP2 Datasheet HTML 7Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 8Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 9Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 10Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 11Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 12Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 13Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 14Page - Omron Electronics LLC M7E-01BRP2 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
M7E
Operation
■ Operation Timing (Input Signal Timing)
■ Operation Chart
Pulse duration (tw)
1.5 ms min.
Hold time (th)
0.75 ms min.
Setup time (ts)
2.25 ms min.
ts
tw
th
Data latch
Data input
signals A to D
Latching
input LE
t w: Pulse duration
t h: Hold time
t s: Setup time
Data latch
Data read
H
L
ts
tw
th
H
L
Data latch
Data input
signals A to D
Latching
input LE
t w: Pulse duration
t h: Hold time
t s: Setup time
Data latch
Data read
Positive Logic
Negative logic
The "
1" display is turned
OFF by the LE signal.
The "
5" display is turned
OFF by the LE signal.
• The following example shows the relationship between each input terminal signal and the display condition for a Negative-logic Decimal Display
Unit with Blanking.
Data
Terminal
displayed value
0123456789
Description
Input
signals
A (20)
H
L
Inputs the data signal as
BCD (or binary code).
B (21)
H
L
C (22)
H
L
D (23)
H
L
DP
H
L
Low when the decimal
point lights.
LE
H
L
Low when all the display
turns OFF. (High is
maintained until the signal
goes low.)
Display condition
---
Remarks
---
Data read
Data latch
Data latch
Data latch
Data latch
Data latch
Data latch
Data read
Data read
Data read
• Using the latchinput (LE) terminalfor eachUnit, the data input terminals (A to D) can be usedin common yet still enable display on eachUnit
(example of a 3-digit dynamic-output model with positive logic).
Data input
signals
(A to D)
0 (power: ON)
5
7
6
1
Latch
input
sig-
nals
3rd
digit
(LE3)
H
L
2nd
digit
(LE2)
H
L
1st
digit
(LE1)
H
L
Display
condition
3rd-digit display
change
2nd -digit display
change
1st -digit display
change
3rd-digit display
change
A numeric value is displayed
one digit at a time via data
signals A to D.
Data input
signals
LE3
latch input signal
(third digit)
LE2
latch input signal
(second digit)
LE1
latch input signal
(first digit)
http://www.ia.omron.com/
11
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - M7E-01BRP2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M7E-01BRP2 OMRON-M7E-01BRP2 Datasheet
1Mb / 14P
   Digital Display (14 mm)
More results

Similar Description - M7E-01BRP2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
   New Models with International Standards
G3M-203P-UTU-1-4DC5 OMRON-G3M-203P-UTU-1-4DC5 Datasheet
339Kb / 6P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
G3M203PL424DC OMRON-G3M203PL424DC Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Omron Electronics LLC
G3VM353A OMRON-G3VM353A Datasheet
515Kb / 6P
   Analog-switching MOS FET Relays with SPST-NC Contact. General-purpose Models Added.
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
   New standard for the semi-automatic dicer with new operability
logo
List of Unclassifed Man...
T7234 ETC1-T7234 Datasheet
676Kb / 76P
   Compliance with the New ETSI PSD Requirement
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
THine Electronics, Inc.
THCS134 THINE-THCS134 Datasheet
600Kb / 19P
   The THCS134 provides a function to serialize
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com