Electronic Components Datasheet Search |
|
M7E-01BGN2 Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
M7E-01BGN2 Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 16 page M7E Ordering Information ■ List of Models ■ Accessories (Order Separately) End Plate Note: The Right and Left Plates form a pair. Spacer Connector Mother Board Note: Refer to M7E Mother Board for Display Units (Character Height: 14 mm) for details. Display contents Display color Logic Model Unit Red --- M7E-01UR2- @ (See note 3.) Note: 1. Models with zero suppression are blank only when the display is 0 and the decimal is OFF by wiring as shown on page 12. 2. Models with blanking enable turning OFF a user-specified display (0 to 9, a to f) by inputting a signal to the blank input terminal. 3. The symbol in the box ( @) indicates the code for the display contents. Refer to page 13. Green --- M7E-01UG2- @ (See note 3.) Display contents Display color Type Model Model with Zero Suppression (See note 1.) Model with Blanking (See note 2.) ±1 Red Positive --- M7E-01BRP2 Negative --- M7E-01BRN2 Dynamic output --- M7E-01BRD2 Green Positive --- M7E-01BGP2 Negative --- M7E-01BGN2 Dynamic output --- M7E-01BGD2 Decimal Red Positive M7E-01DRP2 M7E-01DRP2-B Negative M7E-01DRN2 M7E-01DRN2-B Dynamic output M7E-01DRD2 M7E-01DRD2-B Green Positive M7E-01DGP2 M7E-01DGP2-B Negative M7E-01DGN2 M7E-01DGN2-B Dynamic output M7E-01DGD2 M7E-01DGD2-B Red/green (two colors) Negative M7E-01DRGN2 M7E-01DRGN2-B Hexadeci- mal Red Positive M7E-01HRP2 M7E-01HRP2-B Negative M7E-01HRN2 M7E-01HRN2-B Green Positive M7E-01HGP2 M7E-01HGP2-B Negative M7E-01HGN2 M7E-01HGN2-B Connectable PLCs ❍: Connectable ×: Not connectable : Connectable (See note.) Note: Connectable but an external resistor is required and only 24 VDC must be supplied. Refer to External Connections on page 9 and 10 for details. M7E model PLC output method Display contents Type Static output Dynamic output PNP output NPN output ±1, decimal Positive ❍ Negative × ❍ × Dynamic output ×× ❍ Hexa- decimal Positive ❍ Negative × ❍ × Unit --- ❍ (only voltage imposed) Case color Item Model Light gray M7E-012M Black M7E-012M-1 Case color Item Model Light gray M7E-012PA Black M7E-012PA-1 Terminal Model Solder terminal NRT-C Solder terminal NRT-CN PCB terminal NRT-CP Type Number of digits Model Static 4 M7E-01MB4-S2 Static 3 M7E-01MB3-S2 Static 2 M7E-01MB2-S2 http://www.ia.omron.com/ 2 (c)Copyright OMRON Corporation 2007 All Rights Reserved. |
Similar Part No. - M7E-01BGN2 |
|
Similar Description - M7E-01BGN2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |