Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWR-51800-D48A-C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # UWR-51800-D48A-C
Description  Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWR-51800-D48A-C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  UWR-51800-D48A-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWR-51800-D48A-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWR-51800-D48A-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWR-51800-D48A-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWR-51800-D48A-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWR-51800-D48A-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
If you’re designing with EMC in mind, please note that all of DATEL’s
A-Series UWR 6-10 Watt DC/DC Converters have been characterized for
radiated and conducted emissions in our new EMI/EMC laboratory. Testing
is conducted in an EMCO 5305 GTEM test cell utilizing EMCO automated
EMC test software. Radiated emissions are tested to the limits of FCC Part
15, Class B and CISPR 22 (EN 55022), Class B. Radiated emissions plots to
FCC and CISPR 22 for model UWR-12/665-D5A appear below.
80
70
60
50
40
30
20
10
0
–10
–20
Frequency (MHz)
100
1000
Radiated Emissions
FCC Class B Limit
UWR-12/665-D5A Radiated Emissions
FCC Part 15 Class B, 3 Meters
Converter Output = 12Vdc @ 620mA
UWR-12/665-D5A Radiated Emissions
EN 55022 Class B, 10 Meters
Converter Output = 12Vdc @ 620mA
80
70
60
50
40
30
20
10
0
–10
–20
Frequency (MHz)
100
1000
Radiated Emissions
EN 55022 Class B Limit
Input Fusing
Certain applications and/or safety agencies may require the installation of
fuses at the inputs of power conversion components. For DATEL A-Series
UWR 6-10 Watt DC/DC Converters, you should use slow-blow type fuses
with values no greater than the following:
VIN Range
Fuse Value
D5A
3A
D12A and D24E
2A
D48A and D48E
1A
DATEL’s world-class design, development and manufacturing team stands
ready to work with you to deliver the exact power converter you need for
your demanding, large volume, OEM applications. And ... we’ll do it on
time and within budget!
Our experienced applications and design staffs; quick-turn prototype
capability; highly automated, SMT assembly facilities; and in-line SPC
quality-control techniques combine to give us the unique ability to design
and deliver any quantity of power converters to the highest standards of
quality and reliability.
We have compiled a large library of DC/DC designs that are currently used
in a variety of telecom, medical, computer, railway, aerospace and indus-
trial applications. We may already have the converter you need.
Contact us. Our goal is to provide you the highest-quality, most cost-
effective power converters available.
CUSTOM C A P ABILITIES
EMI RADIA TED EMISSIONS
Quality and Reliability
The A-Series are the first DC/DC Converters to emerge from DATEL’s new,
company-wide approach to designing and manufacturing the most reliable
power converters available. The five-pronged program draws our Quality
Assurance function into all aspects of new-product design, development,
characterization, qualification and manufacturing.
Design for Reliability
Design for Reliability is woven throughout our multi-phased, new-product-
development process. Design-for-reliability practices are fully documented
and begin early in the new-product development cycle with the following
goals:
1. To work from an approved components/vendors list ensuring the use of
reliable components and the rigorous qualification of new components.
2. To design with safety margins by adhering to a strict set of derating
guidelines and performing theoretical worst-case analyses.
3. To locate potential design weaknesses early in the product-development
cycle by using extensive HALT (Highly Accelerated Life Testing).
4. To prove that early design improvements are effective by employing a
thorough FRACA (Failure Reporting Analysis and Corrective Action) System.
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these
converters. These specifications vary depending on the solder type. Exceeding these
specifications may cause damage to the product. Be cautious when there is high atmo-
spheric humidity. We strongly recommend a mild pre-bake (100° C. for 30 minutes). Your
production environment may differ; therefore please thoroughly review these guidelines
with your process engineers.
Wave Solder Operations for through-hole mounted prod-
ucts (THMT)
For Sn/Ag/Cu based solders:
Maximum Preheat Temperature
115° C.
Maximum Pot Temperature
270° C.
Maximum Solder Dwell Time
7 seconds
For Sn/Pb based solders:
Maximum Preheat Temperature
105° C.
Maximum Pot Temperature
250° C.
Maximum Solder Dwell Time
6 seconds
UWR Series
Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
MDC_UWR6-10W Series.D02 Page 5 of 6
www.murata-ps.com/support


Similar Part No. - UWR-51800-D48A-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWR-5-3000-D48A-C MURATA-UWR-5-3000-D48A-C Datasheet
271Kb / 12P
   Single Output, High-Density, 6 Amp/15 Watt DC/DC Converters
UWR-5.2/3000-D5A MURATA-UWR-5.2/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/3000-D5A MURATA-UWR-5/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D12A MURATA-UWR-5/4000-D12A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D48A MURATA-UWR-5/4000-D48A Datasheet
192Kb / 6P
   Single Output, High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com