Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWR-52000-D12A-C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # UWR-52000-D12A-C
Description  Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWR-52000-D12A-C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  UWR-52000-D12A-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Third Angle Projection
Dimensions are in inches (mm) shown for ref. only.
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
Notes:
For "D5A, D12A and D24E" models,
the case is connected to
pin 2 (–VIN).
For "D48A and D48E" models, the case
is connected to pin 1 (+VIN).
Pin
1
2
3
4
5
I/O Connections
Function P11
+Vin
–Vin
+Vout
No Pin
Common
Wide Range Input
Output Configuration:
U = Unipolar
Nominal Output Voltage:
5, 5.2, 12 or 15 Volts
Maximum Output
Current
in mA
Input Voltage Range:
D5 = 4.7-7.25 Volts (5V nominal)
D12 = 9-18 Volts (12V nominal)
D24 = 18-36 Volts (24V nominal)
D48 = 18-75/36-72 Volts (48V nominal)
5
U WR
1800
-
/
D48 A
-
A-Series
High Reliability
Ambient Temperature (°C)
10
9
8
7
6
5
4
3
2
1
0
UWR-5/1600-D5A
B
UWR-5/1800-D48A
D
UWR-5/2000-D12A
C
UWR-5/2000-D24E
A
UWR-5/2000-D48E
A
UWR-5.2/1500-D5A
B
UWR-12/665-D5A
B
UWR-12/750-D48A
E
UWR-12/830-D12A
C
UWR-15/530-D5A
B
UWR-15/600-D48A
E
UWR-15/665-D12A
C
D, E
B
A, C
D
C
E
A
–40
0
40
45
50
55
60
65
70
75
80
85
90
95
100
Performance Specifications and Ordering Guide
Output
Input
➀ Typical at TA = +25°C under nominal line voltage and full-load conditions unless otherwise noted.
➁ Ripple/Noise (R/N) measured over a 20MHz bandwidth.
➂ 10% to 100% load.
➃ Nominal line voltage, no-load/full-load conditions.
See Technical Notes for an explanation of trading off input voltage ranges for higher full-power operating temperature.
➅ Please see the Part Number Structure for complete ordering options.
P A R T NUMBER STR UCTURE
MECHANIC AL SPECIFIC A TIONS
TEMPERA TURE DERA TING
1
2
3
4
5
METAL CASE
INSULATED BASE
2.00
(50.8)
0.20 MIN
(5.1)
1.00
(25.4)
0.400
(10.16)
0.800
(20.32)
0.800
(20.3)
0.375
(9.5)
0.040 ±0.002 DIA.
(1.016 ±0.051)
BOTTOM VIEW
0.200
(5.08)
0.100
(2.54)
0.10
(2.54)
0.60
(15.24)
Case C2
R/N (mVp-p) ➁
Regulation (Max.)
Efficiency
Package
VOUT *
IOUT
VIN Nom.
Range
IIN
(Case,
Root Model
(Volts)
(mA)
Typ.
Max.
Line
Load
(Volts)
(Volts)
(mA)
Min.
Typ.
Pinout)
RoHS-6 hazardous
substance
compliant
Note: Some model number combinations may not be available. Contact Murata
Power Solutions for further information.
C
-
UWR Series
Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
MDC_UWR6-10W Series.D02 Page 2 of 6
www.murata-ps.com/support
UWR-5/1600-D5A-C
5
1600
50
100
±0.2%
±0.5%
5
4.7-7.25
20/2105
74%
76%
C2, P11
UWR-5/2000-D24E-C
5
2000
50
75
±0.2%
±0.5%
24
18-36
10/490
83%
85%
C2, P11
UWR-5.2/1500-D5A-C
5.2
1500
50
100
±0.2%
±0.5%
5
4.7-7.25
20/2053
74%
76%
C2, P11
UWR-12/665-D5A-C
12
665
75
100
±0.2%
±0.5%
5
4.7-7.25
25/2046
75%
78%
C2, P11
UWR-12/830-D12A-C
12
830
75
100
±0.2%
±0.5%
12
9-18
35/988
81%
84%
C2, P11
UWR-5/1800-D48A-C
5
1800
75
100
±0.1%
±0.25%
48
18-75
10/193
81%
83%
C2, P11
UWR-5/2000-D12A-C
5
2000
50
75
±0.2%
±0.5%
12
9-18
15/1029
79.5%
81%
C2, P11
UWR-5/2000-D48E-C
5
2000
50
75
±0.2%
±0.5%
48
36-72
10/248
82%
84%
C2, P11
UWR-12/750-D48A-C
12
750
75
100
±0.2%
±0.5%
48
18-75
10/230
81.5%
82.5%
C2, P11
UWR-15/530-D5A-C
15
530
50
100
±0.2%
±0.5%
5
4.7-7.25
40/2065
75%
77%
C2, P11
UWR-15/600-D48A-C
15
600
75
100
±0.2%
±0.5%
48
18-75
10/233
81.5%
84%
C2, P11
UWR-15/665-D12A-C
15
665
75
100
±0.2%
±0.5%
12
9-18
35/978
82%
85%
C2, P11
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE


Similar Part No. - UWR-52000-D12A-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWR-5-3000-D48A-C MURATA-UWR-5-3000-D48A-C Datasheet
271Kb / 12P
   Single Output, High-Density, 6 Amp/15 Watt DC/DC Converters
UWR-5.2/3000-D5A MURATA-UWR-5.2/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/3000-D5A MURATA-UWR-5/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D12A MURATA-UWR-5/4000-D12A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D48A MURATA-UWR-5/4000-D48A Datasheet
192Kb / 6P
   Single Output, High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com