Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA160STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # PLA160STR
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA160STR Datasheet(HTML) 4 Page - Clare, Inc.

  PLA160STR Datasheet HTML 1Page - Clare, Inc. PLA160STR Datasheet HTML 2Page - Clare, Inc. PLA160STR Datasheet HTML 3Page - Clare, Inc. PLA160STR Datasheet HTML 4Page - Clare, Inc. PLA160STR Datasheet HTML 5Page - Clare, Inc. PLA160STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
PLA160
Rev. 3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
PLA160
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
-40
3.6
3.2
2.8
2.4
2.0
1.6
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
PLA160
Typical Turn-On vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
50
PLA160
Typical Turn-Off vs.LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.032
0.031
0.030
0.029
0.028
0.027
0.026
0.025
50
PLA160
Typical On-Resistance vs. Temperature
(Load Current = 50mADC; IF = 10mADC)
Temperature (
°C)
-40
80
70
60
50
40
30
20
10
-20
0
20
40
60
80
100
PLA160
Typical IF for Switch Operation
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
PLA160
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 50mA)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
PLA160
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 10mADC
Load Voltage (V)
50
40
30
20
10
0
-10
-20
-30
-40
-50
-3
-2
-1
0
1
2
3
PLA160
Energy Rating Curve
Time
10
µs
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1ms
100
µs
100ms
1s
10ms
10s
100s


Similar Part No. - PLA160STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA160STR IXYS-PLA160STR Datasheet
128Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
More results

Similar Description - PLA160STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com