Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFSL3207PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFSL3207PBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL3207PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFSL3207PBF Datasheet HTML 1Page - International Rectifier IRFSL3207PBF Datasheet HTML 2Page - International Rectifier IRFSL3207PBF Datasheet HTML 3Page - International Rectifier IRFSL3207PBF Datasheet HTML 4Page - International Rectifier IRFSL3207PBF Datasheet HTML 5Page - International Rectifier IRFSL3207PBF Datasheet HTML 6Page - International Rectifier IRFSL3207PBF Datasheet HTML 7Page - International Rectifier IRFSL3207PBF Datasheet HTML 8Page - International Rectifier IRFSL3207PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
03/06/06
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
www.irf.com
1
D2Pak
IRFS3207PbF
TO-220AB
IRFB3207PbF
TO-262
IRFSL3207PbF
IRFB3207PbF
IRFS3207PbF
IRFSL3207PbF
HEXFET® Power MOSFET
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
S
D
G
S
D
G
S
D
G
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, V
GS @ 10V
A
I
D @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
d
P
D @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
V
GS
Gate-to-Source Voltage
V
dV/dt
Peak Diode Recovery
f
V/ns
T
J
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
E
AS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
Ù
A
E
AR
Repetitive Avalanche Energy
g
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.50
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
–––
°C/W
RθJA
Junction-to-Ambient, TO-220
k
–––
62
RθJA
Junction-to-Ambient (PCB Mount) , D
2Pak jk
–––
40
300
Max.
170
™
120
™
720
910
See Fig. 14, 15, 16a, 16b,
300
5.8
-55 to + 175
± 20
2.0
10lb
xin (1.1Nxm)
VDSS
75V
RDS(on) typ.
3.6m
:
max.
4.5m
:
ID
170A
PD - 95708D


Similar Part No. - IRFSL3207PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL3207PBF IRF-IRFSL3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com