Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ44ELPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ44ELPBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44ELPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFZ44ELPBF Datasheet HTML 1Page - International Rectifier IRFZ44ELPBF Datasheet HTML 2Page - International Rectifier IRFZ44ELPBF Datasheet HTML 3Page - International Rectifier IRFZ44ELPBF Datasheet HTML 4Page - International Rectifier IRFZ44ELPBF Datasheet HTML 5Page - International Rectifier IRFZ44ELPBF Datasheet HTML 6Page - International Rectifier IRFZ44ELPBF Datasheet HTML 7Page - International Rectifier IRFZ44ELPBF Datasheet HTML 8Page - International Rectifier IRFZ44ELPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRFZ44ESPbF
IRFZ44ELPbF
HEXFET® Power MOSFET
PD - 95572
07/19/04
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
…
48
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
…
34
A
IDM
Pulsed Drain Current
…
192
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
220
mJ
IAR
Avalanche Current

29
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
l Advanced Process Technology
l Surface Mount (IRFZ44ES)
l Low-profile through-hole (IRFZ44EL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and ruggedized device
design that HEXFET Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of accommodating die
sizes up to HEX-4. It provides the highest power capability and the lowest
possible on-resistance in any existing surface mount package. The D2Pak is
suitable for high current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRFZ44EL) is available for low-profile applications.
Description
VDSS = 60V
RDS(on) = 0.023Ω
ID = 48A
2
D Pak
TO-262
S
D
G


Similar Part No. - IRFZ44ELPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44ELPBF IRF-IRFZ44ELPBF Datasheet
230Kb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRFZ44ELPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com