Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11A0FN Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC68HC11A0FN
Description  8-Bit Microcontroller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11A0FN Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC68HC11A0FN Datasheet HTML 3Page - Motorola, Inc MC68HC11A0FN Datasheet HTML 4Page - Motorola, Inc MC68HC11A0FN Datasheet HTML 5Page - Motorola, Inc MC68HC11A0FN Datasheet HTML 6Page - Motorola, Inc MC68HC11A0FN Datasheet HTML 7Page - Motorola, Inc MC68HC11A0FN Datasheet HTML 8Page - Motorola, Inc MC68HC11A0FN Datasheet HTML 9Page - Motorola, Inc MC68HC11A0FN Datasheet HTML 10Page - Motorola, Inc MC68HC11A0FN Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
MC68HC11A8
MOTOROLA
MC68HC11A8TS/D
7
Figure 4 Address/Data Demultiplexing
Special bootstrap mode allows special purpose programs to be entered into internal RAM. The boot-
loader program uses the SCI to read a 256-byte program into on-chip RAM at $0000 through $00FF.
After receiving the character for address $00FF, control passes to the loaded program at $0000.
Special test mode is used primarily for factory testing.
2.1 Memory Maps
Memory locations are the same for expanded multiplexed and single-chip modes. The on-board 256-
byte RAM is initially located at $0000 after reset. The 64-byte register block originates at $1000 after
reset. RAM and/or the register block can be placed at any other 4K boundary ($x000) after reset by writ-
ing an appropriate value to the INIT register. The 512-byte EEPROM is located at $B600 through $B7FF
after reset if it is enabled. The 8 Kbyte ROM is located at $E000 through $FFFF if it is enabled.
Hardware priority is built into the memory remapping. Registers have priority over RAM, and RAM has
priority over ROM. The higher priority resource covers the lower, making the underlying locations inac-
cessible.
In special bootstrap mode, a bootloader ROM is enabled at locations $BF40 through $BFFF.
In special test and special bootstrap modes, reset and interrupt vectors are located at $BFC0 through
$BFFF.
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
D1
D2
D3
D4
D5
D6
D7
D8
LE
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
OE
A7
A6
A5
A4
A3
A2
A1
A0
R/W
E
WE
A15
A14
A13
A12
A11
A10
A9
A8
MC54/74HC373
D7
D6
D5
D4
D3
D2
D1
D0
AS
MC68HC11A8


Similar Part No. - MC68HC11A0FN

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11A0FN FREESCALE-MC68HC11A0FN Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
MC68HC11A0FN FREESCALE-MC68HC11A0FN Datasheet
3Mb / 52P
   8-Bit Microcontrollers
logo
NXP Semiconductors
MC68HC11A0FN NXP-MC68HC11A0FN Datasheet
3Mb / 52P
   8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11A0FN1 FREESCALE-MC68HC11A0FN1 Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
MC68HC11A0FN3 FREESCALE-MC68HC11A0FN3 Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
More results

Similar Description - MC68HC11A0FN

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com