Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16400J-7BLI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IS42S16400J-7BLI
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS42S16400J-7BLI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IS42S16400J-7BLI Datasheet HTML 2Page - List of Unclassifed Manufacturers IS42S16400J-7BLI Datasheet HTML 3Page - List of Unclassifed Manufacturers IS42S16400J-7BLI Datasheet HTML 4Page - List of Unclassifed Manufacturers IS42S16400J-7BLI Datasheet HTML 5Page - List of Unclassifed Manufacturers IS42S16400J-7BLI Datasheet HTML 6Page - List of Unclassifed Manufacturers IS42S16400J-7BLI Datasheet HTML 7Page - List of Unclassifed Manufacturers IS42S16400J-7BLI Datasheet HTML 8Page - List of Unclassifed Manufacturers IS42S16400J-7BLI Datasheet HTML 9Page - List of Unclassifed Manufacturers IS42S16400J-7BLI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. F
12/17/2013
IS42S16400J
IS45S16400J
PIN FUNCTIONS
Symbol
TSOP Pin No.
Type
Function
A0-A11
23 to 26
Input Pin
AddressInputs:A0-A11aresampledduringtheACTIVE
29to34
command(row-addressA0-A11)andREAD/WRITEcommand(A0-A7
22, 35
with A10 defining auto precharge) to select one location out of the memory array
intherespectivebank.A10issampledduringaPRECHARGEcommandtodeter-
mineifallbanksaretobeprecharged(A10HIGH)orbankselectedby
BA0,BA1(LOW).Theaddressinputsalsoprovidetheop-codeduringaLOAD
MODEREGISTERcommand.
BA0,BA1
20, 21
Input Pin
BankSelectAddress:BA0andBA1defineswhichbanktheACTIVE,READ,WRITE
orPRECHARGEcommandisbeingapplied.
CAS
17
Input Pin
CAS
, in conjunction with the RAS and WE, forms the device command. See the
"CommandTruthTable"fordetailsondevicecommands.
CKE
37
Input Pin
TheCKEinputdetermineswhethertheCLKinputisenabled.Thenextrisingedge
oftheCLKsignalwillbevalidwhenisCKEHIGHandinvalidwhenLOW.WhenCKE
isLOW,thedevicewillbeineitherpower-downmode,clocksuspendmode,orself
refresh mode. CKEisan asynchronous input.
CLK
38
Input Pin
CLKisthemasterclockinputforthisdevice.ExceptforCKE,allinputstothisdevice
are acquired in synchronization with the rising edge of this pin.
CS
19
InputPin
TheCS input determines whether command input is enabled within the device.
Command input is enabled when CSisLOW,anddisabledwithCSisHIGH.The
device remains in the previous state when CSisHIGH.
DQ0 to
2, 4, 5, 7, 8, 10,
DQ Pin
DQ0toDQ15areI/Opins.I/Othroughthesepinscanbecontrolledinbyteunits
DQ15
11,13, 42, 44, 45,
usingtheLDQMandUDQMpins.
47, 48, 50, 51, 53
LDQM,
15,39
InputPin
LDQMandUDQMcontrolthelowerandupperbytesoftheI/Obuffers.Inread
UDQM
mode,LDQMandUDQMcontroltheoutputbuffer.WhenLDQMorUDQMisLOW,
thecorrespondingbufferbyteisenabled,andwhenHIGH,disabled.Theoutputs
gototheHIGHimpedancestatewhenLDQM/UDQMisHIGH.Thisfunctioncor-
responds to OEinconventionalDRAMs.Inwritemode,LDQMandUDQMcontrol
theinputbuffer.WhenLDQMorUDQMisLOW,thecorrespondingbufferbyteisen-
abled,anddatacanbewrittentothedevice.WhenLDQMorUDQMisHIGH,input
data is masked and cannot be written to the device.
RAS
18
Input Pin
RAS
, in conjunction with CAS and WE, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
WE
16
Input Pin
WE
, in conjunction with RAS and CAS, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
Vddq
3,9,43,49
PowerSupplyPinVddq is the output buffer power supply.
Vdd
1, 14, 27
Power Supply PinVdd is the device internal power supply.
GNdq
6, 12, 46, 52
Power Supply PinGNdq is the output buffer ground.
GNd
28, 41, 54
Power Supply PinGNd is the device internal ground.


Similar Part No. - IS42S16400J-7BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400J-7BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com