Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC354NJ0000F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC354NJ0000F
Description  Mini-flat Package, AC Input Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC354NJ0000F Datasheet(HTML) 4 Page - Sharp Corporation

  PC354NJ0000F Datasheet HTML 1Page - Sharp Corporation PC354NJ0000F Datasheet HTML 2Page - Sharp Corporation PC354NJ0000F Datasheet HTML 3Page - Sharp Corporation PC354NJ0000F Datasheet HTML 4Page - Sharp Corporation PC354NJ0000F Datasheet HTML 5Page - Sharp Corporation PC354NJ0000F Datasheet HTML 6Page - Sharp Corporation PC354NJ0000F Datasheet HTML 7Page - Sharp Corporation PC354NJ0000F Datasheet HTML 8Page - Sharp Corporation PC354NJ0000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sheet No.: D2-A00602EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Terminal capacitance
Collector dark current
Collector-emitter breakdown voltage
Emitter-collector breakdown voltage
Transfer
charac-
teristics
Collector current
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
MIN.
6
0.2
5
×10
10
80
TYP.
1.2
30
0.1
1
×10
11
0.6
4
3
MAX.
1.4
250
100
4.0
0.2
1.0
18
18
Unit
V
pF
nA
V
mA
V
pF
V
µs
µs
Symbol
VF
Ct
ICEO
BVCEO
BVECO
IC
VCE (sat)
RISO
tr
tf
Cf
Response time
Rise time
Fall time
Input
Output
IF
=±20mA
V
=0, f=1kHz
VCE
=50V, IF=0
IC
=0.1mA, IF=0
IE
=10µA, IF=0
IF
=±1mA, VCE=5V
IF
=±20mA, IC=1mA
V
=0, f=1MHz
VCE
=2V, IC=2mA, RL=100Ω
DC500V, 40 to 60%RH
(Ta
=25˚C)
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f=60Hz
*3 For 10s
Rating
±50
±1
70
80
6
50
150
170
−30 to +100
−40 to +125
260
3.75
kV
4
PC354NJ0000F Series


Similar Part No. - PC354NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
More results

Similar Description - PC354NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
   Mini-flat Package, AC Input Type Photocoupler
PC3H4J00000F SHARP-PC3H4J00000F Datasheet
211Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC314 SHARP-PC314 Datasheet
154Kb / 4P
   OPAQUE MINI-FLAT PACKAGE, AC INPUT TYPE PHOTOCOUPLER
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com