Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC354N1TJ00 Datasheet(PDF) 9 Page - Sharp Corporation

Part # PC354N1TJ00
Description  Mini-flat Package, AC Input Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC354N1TJ00 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PC354N1TJ00 Datasheet HTML 5Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 6Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 7Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 8Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 9Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 10Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 11Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 12Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Sheet No.: D2-A00602EN
■ Design Considerations
While operating at IF<1.0mA, CTR variation may increase.
Please make design considering this fact.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Degradation
In general, the emission of the IRED used in photocouplers will degrade over time.
In the case of long term operation, please take the general IRED degradation (50% degradation over 5
years) into the design consideration.
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
9
● Design guide
PC354NJ0000F Series
● Recommended Foot Print (reference)
1.5
6.3
(Unit : mm)


Similar Part No. - PC354N1TJ00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
More results

Similar Description - PC354N1TJ00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
   Mini-flat Package, AC Input Type Photocoupler
PC3H4J00000F SHARP-PC3H4J00000F Datasheet
211Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC314 SHARP-PC314 Datasheet
154Kb / 4P
   OPAQUE MINI-FLAT PACKAGE, AC INPUT TYPE PHOTOCOUPLER
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com