Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC354N1TJ00 Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC354N1TJ00
Description  Mini-flat Package, AC Input Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC354N1TJ00 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC354N1TJ00 Datasheet HTML 6Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 7Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 8Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 9Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 10Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 11Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 12Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 13Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Sheet No.: D2-A00602EN
Solvent cleaning:
Solvent temperature should be 45˚C or below Immersion time should be 3 minutes or less
Ultrasonic cleaning:
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials:
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol
In case the other type of solvent materials are intended to be used, please make sure they work fine in
actual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this product.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
•Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated
diphenyl ethers (PBDE).
● Presence of ODC
11
PC354NJ0000F Series


Similar Part No. - PC354N1TJ00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
More results

Similar Description - PC354N1TJ00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
   Mini-flat Package, AC Input Type Photocoupler
PC3H4J00000F SHARP-PC3H4J00000F Datasheet
211Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC314 SHARP-PC314 Datasheet
154Kb / 4P
   OPAQUE MINI-FLAT PACKAGE, AC INPUT TYPE PHOTOCOUPLER
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com