Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520B107M006ATE025 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T520B107M006ATE025
Description  KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520B107M006ATE025 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T520B107M006ATE025 Datasheet HTML 3Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 4Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 5Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 6Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 7Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 8Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 9Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 10Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 12/4/2013
77
KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum
(1) Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H).
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating. Substitutions can include better than series.
Blue color text denotes "Under Development"
Bold text denotes black epoxy product
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20°C
Maximum/5
Minutes
% @ 20°C
120 Hz
Maximum
mΩ @ 20°C
100 kHz
Maximum
(mA) 45°C 100 kHz
Temperature
≤ 260ºC
(ºC)
3
1000
X/7343-43
T520X108M003A(1)E030
300
10
30
2900
3
105
4
15
T/3528-12
T520T156M004A(1)E100
6
8
100
1000
3
105
4
33
A/3216-18
T520A336M004A(1)E070
13
8
70
1300
3
105
4
33
A/3216-18
T520A336M004A(1)E080
13
8
80
1200
3
105
4
47
A/3216-18
T520A476M004A(1)E070
19
8
70
1300
3
105
4
47
A/3216-18
T520A476M004A(1)E080
19
8
80
1200
3
105
4
47
T/3528-12
T520T476M004A(1)E070
19
8
70
1200
3
105
4
68
T/3528-12
T520T686M004A(1)E070
27
8
70
1200
3
105
4
68
B/3528-21
T520B686M004A(1)E025
27
8
25
2300
3
105
4
68
B/3528-21
T520B686M004A(1)E035
27
8
35
1900
3
105
4
68
B/3528-21
T520B686M004A(1)E040
27
8
40
1800
3
105
4
68
B/3528-21
T520B686M004A(1)E070
27
8
70
1300
3
105
4
68
U/6032-15
T520U686M004A(1)E055
27
8
55
1600
3
105
4
100
A/3216-18
T520A107M004A(1)E150
40
8
150
900
3
105
4
100
A/3216-18
T520A107M004A(1)E200
40
8
200
700
3
105
4
100
T/3528-12
T520T107M004A(1)E070
40
8
70
1200
3
105
4
100
T/3528-12
T520T107M004A(1)E150
40
8
150
800
3
105
4
100
B/3528-21
T520B107M004A(1)E025
40
8
25
2300
3
105
4
100
B/3528-21
T520B107M004A(1)E035
40
8
35
1900
3
105
4
100
B/3528-21
T520B107M004A(1)E040
40
8
40
1800
3
105
4
100
B/3528-21
T520B107M004A(1)E070
40
8
70
1300
3
105
4
100
U/6032-15
T520U107M004A(1)E055
40
8
55
1600
3
105
4
150
B/3528-21
T520B157M004A(1)E015
60
8
15
2900
3
105
4
150
B/3528-21
T520B157M004A(1)E018
60
8
18
2700
3
105
4
150
B/3528-21
T520B157M004A(1)E025
60
8
25
2300
3
105
4
150
B/3528-21
T520B157M004A(1)E030
60
8
30
2100
3
105
4
150
B/3528-21
T520B157M004A(1)E035
60
8
35
1900
3
105
4
150
B/3528-21
T520B157M004A(1)E040
60
8
40
1800
3
105
4
150
B/3528-21
T520B157M004A(1)E070
60
8
70
1300
3
105
4
150
U/6032-15
T520U157M004A(1)E055
60
8
55
1600
3
105
4
150
C/6032-28
T520C157M004A(1)E015
60
8
15
3300
3
105
4
150
C/6032-28
T520C157M004A(1)E025
60
8
25
2600
3
105
4
150
C/6032-28
T520C157M004A(1)E045
60
8
45
1900
3
105
4
150
C/6032-28
T520C157M004A(1)E100
60
8
100
1300
3
105
4
150
V/7343-19
T520V157M004A(1)E007
60
10
7
5200
3
105
4
150
V/7343-19
T520V157M004A(1)E009
60
10
9
4600
3
105
4
150
V/7343-19
T520V157M004A(1)E012
60
10
12
3900
3
105
4
150
V/7343-19
T520V157M004A(1)E015
60
10
15
3500
3
105
4
150
V/7343-19
T520V157M004A(1)E025
60
10
25
2700
3
105
4
150
D/7343-31
T520D157M004A(1)E007
60
10
7
5700
3
105
4
220
B/3528-21
T520B227M004A(1)E035
88
8
35
1900
3
105
4
220
B/3528-21
T520B227M004A(1)E045
88
8
45
1700
3
105
4
220
B/3528-21
T520B227M004A(1)E070
88
8
70
1300
3
105
4
220
C/6032-28
T520C227M004A(1)E015
88
8
15
3300
3
105
4
220
C/6032-28
T520C227M004A(1)E018
88
8
18
3000
3
105
4
220
C/6032-28
T520C227M004A(1)E025
88
8
25
2600
3
105
4
220
C/6032-28
T520C227M004A(1)E045
88
8
45
1900
3
105
4
220
C/6032-28
T520C227M004A(1)E055
88
8
55
1700
3
105
4
220
L/6032-19
T520L227M004A(1)E012
88
8
12
3500
3
105
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20°C
Maximum/5
Minutes
% @ 20°C
120 Hz
Maximum
mΩ @ 20°C
100 kHz
Maximum
(mA) 45°C 100 kHz
Temperature
≤ 260ºC
(ºC)
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
Table 1 – Ratings & Part Number Reference cont'd
Roll Over for
Order Info.
T
520
V
157
M
006
A
T
E045
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
ESR Code
Packaging
(C-Spec)
T =
Tantalum
520 =
Polymer
A, B, C, D, H,
L, M, Q, T, U,
V, W, X, Y
First two digits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
008 = 8 V
010 = 10 V
011 = 11 V
12R = 12.5 V
016 = 16 V
020 = 20 V
025 = 25 V
A = N/A
T = 100% Matte
Tin (Sn) Plated
H = Tin/Lead
(SnPb) Solder
Coated (5% Pb
minimum)
E = ESR
Last three digits
specify ESR in
mΩ.(045=45
mΩ)
Blank = 7"
Reel 7280 =
13" Reel


Similar Part No. - T520B107M006ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520B107M006ATE025 KEMET-T520B107M006ATE025_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 2.1mm
More results

Similar Description - T520B107M006ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T530X687M006ATE018 KEMET-T530X687M006ATE018 Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com