Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2404K-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TN2404K-T1-GE3
Description  N-Channel 240 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TN2404K-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  TN2404K-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix TN2404K-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix TN2404K-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix TN2404K-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix TN2404K-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix TN2404K-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix TN2404K-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix TN2404K-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix TN2404K-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 72225
S12-1767-Rev. C, 23-Jul-12
Vishay Siliconix
TN2404K/TN2404KL/BS107KL
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150 C
10
0.001
VSD −)
V
(
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
c
r
u
o
S
TJ = 25 C
1
0.1
0.01
TJ = −55 C
On-Resistance vs. Gate-to-Source Voltage
0
1
2
3
4
5
6
7
8
0246
8
10
VGS − Gate-to-Source Voltage (V)
ID = 50 mA
ID = 10 mA
ID = 100 mA
Threshold Voltage
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
−50
−25
0
25
50
75
100
125
150
TJ − Temperature (°C)
ID = 250 µA


Similar Part No. - TN2404K-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN2404K-T1-E3 VISHAY-TN2404K-T1-E3 Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
More results

Similar Description - TN2404K-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN2404K-T1-E3 VISHAY-TN2404K-T1-E3 Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
SIA450DJ VISHAY-SIA450DJ Datasheet
109Kb / 7P
   N-Channel 240-V (D-S) MOSFET
Rev. C, 03-Mar-08
TN2404K VISHAY-TN2404K_V01 Datasheet
192Kb / 8P
   N-Channel 240 V (D-S) MOSFET
01-Jan-2022
SIA450DJ-T1-GE3 VISHAY-SIA450DJ-T1-GE3 Datasheet
195Kb / 9P
   N-Channel 240-V (D-S) MOSFET
Rev. C, 03-Mar-08
TN2460L VISHAY-TN2460L Datasheet
52Kb / 4P
   N-Channel 240-V (D-S) MOSFET
Rev. D , 16-Jul-01
TN2404K VISHAY-TN2404K Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
TN2410L VISHAY-TN2410L Datasheet
54Kb / 5P
   N-Channel 240-V (D-S) MOSFETs
Rev. F, 16-Jul-01
VP2410L VISHAY-VP2410L Datasheet
42Kb / 4P
   P-Channel 240-V (D-S) MOSFET
Rev. D, 16-Jun-01
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com