Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPME1080040018 Datasheet(PDF) 3 Page - AVX Corporation

Part # TPME1080040018
Description  TPM Multianode Tantalum Ultra Low ESR Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPME1080040018 Datasheet(HTML) 3 Page - AVX Corporation

  TPME1080040018 Datasheet HTML 1Page - AVX Corporation TPME1080040018 Datasheet HTML 2Page - AVX Corporation TPME1080040018 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JANUARY 2014
71
JANUARY 2014
71
TPM Multianode
Tantalum Ultra Low ESR Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case
Capacitance
Voltage
(μA)
%
Max. (mΩ)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 85°C (1.7 Volt @ 125°C)
TPMD108*002#0025
D
1000
2.5
25
8
25
3
3.194
2.874
1.277
0.080
0.072
0.032
TPME158*002#0012
E
1500
2.5
38
6
12
3
4.743
4.269
1.897
0.057
0.051
0.023
TPME158*002#0015
E
1500
2.5
38
6
15
3
4.243
3.818
1.697
0.064
0.057
0.025
TPME158*002#0018
E
1500
2.5
38
6
18
3
3.873
3.486
1.549
0.070
0.063
0.028
TPME228M002#0018
E
2200
2.5
44
10
18
3
3.873
3.486
1.549
0.070
0.063
0.028
4 Volt @ 85°C (2.7 Volt @ 125°C)
TPMD337*004#0025
D
330
4
13.2
8
25
3
3.194
2.874
1.277
0.080
0.072
0.032
TPMD337*004#0035
D
330
4
13.2
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TPMD477*004#0025
D
470
4
18.8
8
25
3
3.194
2.874
1.277
0.080
0.072
0.032
TPMD477*004#0035
D
470
4
18.8
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TPMD687*004#0025
D
680
4
27.2
8
25
3
3.194
2.874
1.277
0.080
0.072
0.032
TPME687*004#0018
E
680
4
27
6
18
3
3.873
3.486
1.549
0.070
0.063
0.028
TPME687*004#0023
E
680
4
27
6
23
3
3.426
3.084
1.370
0.079
0.071
0.032
TPMD108*004#0025
D
1000
4
40
8
25
3
3.194
2.874
1.277
0.080
0.072
0.032
TPMD108*004#0045
D
1000
4
40
8
45
3
2.380
2.142
0.952
0.107
0.096
0.043
TPME108*004#0018
E
1000
4
40
6
18
3
3.873
3.486
1.549
0.070
0.063
0.028
TPME108*004#0023
E
1000
4
40
6
23
3
3.426
3.084
1.370
0.079
0.071
0.032
TPMV108*004#0018
V
1000
4
40
6
18
3
3.979
3.581
1.592
0.072
0.064
0.029
TPME158*004#0015
E
1500
4
40
6
15
3
4.243
3.818
1.697
0.064
0.057
0.025
TPME158*004#0018
E
1500
4
40
6
18
3
3.873
3.486
1.549
0.070
0.063
0.028
6.3 Volt @ 85°C (4 Volt @ 125°C)
TPMY227M006#0030
Y
220
6.3
13.2
6
30
3
2.646
2.381
1.058
0.079
0.071
0.032
TPMD337*006#0025
D
330
6.3
19.8
8
25
3
3.194
2.874
1.277
0.080
0.072
0.032
TPMD337*006#0035
D
330
6.3
19.8
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TPMD477*006#0030
D
470
6.3
28.2
8
30
3
2.915
2.624
1.166
0.087
0.079
0.035
TPME477*006#0018
E
470
6.3
28
6
18
3
3.873
3.486
1.549
0.070
0.063
0.028
TPME477*006#0023
E
470
6.3
28
6
23
3
3.426
3.084
1.370
0.079
0.071
0.032
TPME477*006#0030
E
470
6.3
28
6
30
3
3.000
2.700
1.200
0.090
0.081
0.036
TPME687*006#0018
E
680
6.3
41
6
18
3
3.873
3.486
1.549
0.070
0.063
0.028
TPME687*006#0023
E
680
6.3
41
6
23
3
3.426
3.084
1.370
0.079
0.071
0.032
TPMV687*006#0023
V
680
6.3
41
6
23
3
3.520
3.168
1.408
0.081
0.073
0.032
TPME108M006#0025
E
1000
6.3
63
8
25
3
3.286
2.958
1.315
0.082
0.074
0.033
TPMV108M006#0020
V
1000
6.3
63
8
20
3
3.775
3.397
1.510
0.075
0.068
0.030
10 Volt @ 85°C (7 Volt @ 125°C)
TPMY107M010#0045
Y
100
10
10
8
45
3
2.160
1.944
0.864
0.097
0.087
0.039
TPMY157M010#0045
Y
150
10
15
8
45
3
2.160
1.944
0.864
0.097
0.087
0.039
TPMD227*010#0035
D
220
10
22
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TPMD337*010#0035
D
330
10
33
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TPME337*010#0023
E
330
10
33
6
23
3
3.426
3.084
1.370
0.079
0.071
0.032
TPME337*010#0035
E
330
10
33
6
35
3
2.777
2.500
1.111
0.097
0.087
0.039
TPME477*010#0023
E
470
10
47
6
23
3
3.426
3.084
1.370
0.079
0.071
0.032
TPME477*010#0030
E
470
10
47
6
30
3
3.000
2.700
1.200
0.090
0.081
0.036
16 Volt @ 85°C (10 Volt @ 125°C)
TPMD476*016#0100
D
47
16
7.5
8
100
3
1.597
1.437
0.639
0.160
0.144
0.064
TPMD686*016#0040
D
68
16
10.9
8
40
3
2.525
2.272
1.010
0.101
0.091
0.040
TPMD686*016#0050
D
68
16
10.9
8
50
3
2.258
2.032
0.903
0.113
0.102
0.045
TPMD107*016#0040
D
100
16
16
8
40
3
2.525
2.272
1.010
0.101
0.091
0.040
TPMD107*016#0050
D
100
16
16
8
50
3
2.258
2.032
0.903
0.113
0.102
0.045
TPME157*016#0030
E
150
16
24
6
30
3
3.000
2.700
1.200
0.090
0.081
0.036
TPME157*016#0040
E
150
16
24
6
40
3
2.598
2.338
1.039
0.104
0.094
0.042
TPME227*016#0025
E
220
16
35
6
25
3
3.286
2.958
1.315
0.082
0.074
0.033
TPME227*016#0040
E
220
16
35
6
40
3
2.598
2.338
1.039
0.104
0.094
0.042
TPME337*016#0050
E
330
16
52.8
10
50
3
2.324
2.091
0.930
0.116
0.105
0.046
20 Volt @ 85°C (13 Volt @ 125°C)
TPMD476*020#0045
D
47
20
9.4
8
45
3
2.380
2.142
0.952
0.107
0.096
0.043
TPMD476*020#0055
D
47
20
9.4
8
55
3
2.153
1.938
0.861
0.118
0.107
0.047
TPME107*020#0035
E
100
20
20
6
35
3
2.777
2.500
1.111
0.097
0.087
0.039
TPME107*020#0045
E
100
20
20
6
45
3
2.449
2.205
0.980
0.110
0.099
0.044
TPME157*020#0035
E
150
20
30
10
35
3
2.777
2.500
1.111
0.097
0.087
0.039
25 Volt @ 85°C (17 Volt @ 125°C)
TPMD336*025#0065
D
33
25
8.3
8
65
3
1.981
1.783
0.792
0.129
0.116
0.051
TPMD476*025#0055
D
47
25
11.8
8
55
3
2.153
1.938
0.861
0.118
0.107
0.047
TPME476*025#0065
E
47
25
11.8
6
65
3
2.038
1.834
0.815
0.132
0.119
0.053
TPME686*025#0045
E
68
25
17
6
45
3
2.449
2.205
0.980
0.110
0.099
0.044
TPME686*025#0055
E
68
25
17
6
55
3
2.216
1.994
0.886
0.122
0.110
0.049
35 Volt @ 85°C (23 Volt @ 125°C)
TPMD226*035#0070
D
22
35
7.7
8
70
3
1.909
1.718
0.763
0.134
0.120
0.053
TPME226*035#0060
E
22
35
8
6
60
3
2.121
1.909
0.849
0.127
0.115
0.051
TPME226*035#0100
E
22
35
8
6
100
3
1.643
1.479
0.657
0.164
0.148
0.066
TPME336*035#0050
E
33
35
12
6
50
3
2.324
2.091
0.930
0.116
0.105
0.046
TPME336*035#0065
E
33
35
12
6
65
3
2.038
1.834
0.815
0.132
0.119
0.053
TPME476*035#0055
E
47
35
16
6
55
3
2.216
1.994
0.886
0.122
0.110
0.049
TPME476*035#0065
E
47
35
16
6
65
3
2.038
1.834
0.815
0.132
0.119
0.053
50 Volt @ 85°C (33 Volt @ 125°C)
TPMD106*050#0140
D
10
50
5
8
140
3
1.350
1.215
0.540
0.189
0.170
0.076
TPME106*050#0120
E
10
50
5
6
120
3
1.500
1.350
0.600
0.180
0.162
0.072
TPME156*050#0075
E
15
50
7.5
6
75
3
1.897
1.708
0.759
0.142
0.128
0.057
TPME156*050#0100
E
15
50
7.5
6
100
3
1.643
1.479
0.657
0.164
0.148
0.066
TPME226*050#0075
E
22
50
11
8
75
3
1.897
1.708
0.759
0.142
0.128
0.057
TPME226*050#0100
E
22
50
11
8
100
3
1.643
1.479
0.657
0.164
0.148
0.066
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF
are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR
movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance
part in the same case size, to the same reliability standards.


Similar Part No. - TPME1080040018

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPME108K002H0012 AVX-TPME108K002H0012 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K002H0015 AVX-TPME108K002H0015 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K002H0018 AVX-TPME108K002H0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K002H0018 AVX-TPME108K002H0018 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K002K0012 AVX-TPME108K002K0012 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results

Similar Description - TPME1080040018

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TBM AVX-TBM Datasheet
93Kb / 3P
   TBM Multianode Tantalum Ultra Low ESR & Space Level
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com