Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMT275650 Datasheet(PDF) 1 Page - Clare, Inc.

Part # UMT275650
Description  HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

UMT275650 Datasheet(HTML) 1 Page - Clare, Inc.

  UMT275650 Datasheet HTML 1Page - Clare, Inc. UMT275650 Datasheet HTML 2Page - Clare, Inc. UMT275650 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS
549
DESCRIPTION
www.cpclare.com
PMT/UMT (275) Series
DESCRIPTION
STANDARD VOLTAGES
APPLICATIONS
FEATURES
CP Clare’s PMT(275) and UMT(275) Series surge protectors (350-500V and 550-2500V respectively) provide a
high level of protection from high-speed, high-current transient surges. These devices are constructed using a
proprietary semiconductor junction process which results in nanosecond response times combined with peak
current ratings in excess of 20kA.
s Fast impulse breakdown (
≤125% of typical DC
breakdown at 5kV/
µs)
s Tight DC breakdown voltage tolerance (
±10%)
s Low capacitance
s Test equipment
s Video displays
s Medical electronics
s Instrumentation circuits
Series
DC Breakdown
Unit
Voltage (typ)
PMT(275)
350
V
400
V
450
V
500
V
UMT(275)
550
V
600
V
650
V
750
V
800
V
850
V
1.0
kV
1.5
kV
2.0
kV
2.5
kV
(See detailed specifications for more information.)


Similar Part No. - UMT275650

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT2222A ROHM-UMT2222A Datasheet
79Kb / 3P
   NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A Datasheet
114Kb / 4P
   NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A Datasheet
92Kb / 4P
   NPN Medium Power Transistor (Switching)
UMT2222AT106 ROHM-UMT2222AT106 Datasheet
92Kb / 4P
   NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A_07 Datasheet
114Kb / 4P
   NPN Medium Power Transistor (Switching)
More results

Similar Description - UMT275650

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PMT301 CLARE-PMT301 Datasheet
59Kb / 3P
   HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS
UNI-IMPS CLARE-UNI-IMPS Datasheet
92Kb / 3P
   HIGH-SPEED TRANSIENT SURGE PROTECTORS
logo
Bourns Electronic Solut...
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
   High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-KE BOURNS-TBU-KE Datasheet
526Kb / 6P
   High Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
   High-Speed Protectors
TBU-PL BOURNS-TBU-PL Datasheet
628Kb / 7P
   High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com