Electronic Components Datasheet Search |
|
T520B337M2R5A1E070 Datasheet(PDF) 7 Page - Kemet Corporation |
|
T520B337M2R5A1E070 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 24 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2015_T520 • 12/4/2013 77 KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum (1) Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H). Also available on large (13 inch) reels. Add 7280 to the end of the part number. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating. Substitutions can include better than series. Blue color text denotes "Under Development" Bold text denotes black epoxy product Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity Rated Temp VDC µF KEMET/EIA (See below for part options) µA @ 20°C Maximum/5 Minutes % @ 20°C 120 Hz Maximum mΩ @ 20°C 100 kHz Maximum (mA) 45°C 100 kHz Temperature ≤ 260ºC (ºC) 3 1000 X/7343-43 T520X108M003A(1)E030 300 10 30 2900 3 105 4 15 T/3528-12 T520T156M004A(1)E100 6 8 100 1000 3 105 4 33 A/3216-18 T520A336M004A(1)E070 13 8 70 1300 3 105 4 33 A/3216-18 T520A336M004A(1)E080 13 8 80 1200 3 105 4 47 A/3216-18 T520A476M004A(1)E070 19 8 70 1300 3 105 4 47 A/3216-18 T520A476M004A(1)E080 19 8 80 1200 3 105 4 47 T/3528-12 T520T476M004A(1)E070 19 8 70 1200 3 105 4 68 T/3528-12 T520T686M004A(1)E070 27 8 70 1200 3 105 4 68 B/3528-21 T520B686M004A(1)E025 27 8 25 2300 3 105 4 68 B/3528-21 T520B686M004A(1)E035 27 8 35 1900 3 105 4 68 B/3528-21 T520B686M004A(1)E040 27 8 40 1800 3 105 4 68 B/3528-21 T520B686M004A(1)E070 27 8 70 1300 3 105 4 68 U/6032-15 T520U686M004A(1)E055 27 8 55 1600 3 105 4 100 A/3216-18 T520A107M004A(1)E150 40 8 150 900 3 105 4 100 A/3216-18 T520A107M004A(1)E200 40 8 200 700 3 105 4 100 T/3528-12 T520T107M004A(1)E070 40 8 70 1200 3 105 4 100 T/3528-12 T520T107M004A(1)E150 40 8 150 800 3 105 4 100 B/3528-21 T520B107M004A(1)E025 40 8 25 2300 3 105 4 100 B/3528-21 T520B107M004A(1)E035 40 8 35 1900 3 105 4 100 B/3528-21 T520B107M004A(1)E040 40 8 40 1800 3 105 4 100 B/3528-21 T520B107M004A(1)E070 40 8 70 1300 3 105 4 100 U/6032-15 T520U107M004A(1)E055 40 8 55 1600 3 105 4 150 B/3528-21 T520B157M004A(1)E015 60 8 15 2900 3 105 4 150 B/3528-21 T520B157M004A(1)E018 60 8 18 2700 3 105 4 150 B/3528-21 T520B157M004A(1)E025 60 8 25 2300 3 105 4 150 B/3528-21 T520B157M004A(1)E030 60 8 30 2100 3 105 4 150 B/3528-21 T520B157M004A(1)E035 60 8 35 1900 3 105 4 150 B/3528-21 T520B157M004A(1)E040 60 8 40 1800 3 105 4 150 B/3528-21 T520B157M004A(1)E070 60 8 70 1300 3 105 4 150 U/6032-15 T520U157M004A(1)E055 60 8 55 1600 3 105 4 150 C/6032-28 T520C157M004A(1)E015 60 8 15 3300 3 105 4 150 C/6032-28 T520C157M004A(1)E025 60 8 25 2600 3 105 4 150 C/6032-28 T520C157M004A(1)E045 60 8 45 1900 3 105 4 150 C/6032-28 T520C157M004A(1)E100 60 8 100 1300 3 105 4 150 V/7343-19 T520V157M004A(1)E007 60 10 7 5200 3 105 4 150 V/7343-19 T520V157M004A(1)E009 60 10 9 4600 3 105 4 150 V/7343-19 T520V157M004A(1)E012 60 10 12 3900 3 105 4 150 V/7343-19 T520V157M004A(1)E015 60 10 15 3500 3 105 4 150 V/7343-19 T520V157M004A(1)E025 60 10 25 2700 3 105 4 150 D/7343-31 T520D157M004A(1)E007 60 10 7 5700 3 105 4 220 B/3528-21 T520B227M004A(1)E035 88 8 35 1900 3 105 4 220 B/3528-21 T520B227M004A(1)E045 88 8 45 1700 3 105 4 220 B/3528-21 T520B227M004A(1)E070 88 8 70 1300 3 105 4 220 C/6032-28 T520C227M004A(1)E015 88 8 15 3300 3 105 4 220 C/6032-28 T520C227M004A(1)E018 88 8 18 3000 3 105 4 220 C/6032-28 T520C227M004A(1)E025 88 8 25 2600 3 105 4 220 C/6032-28 T520C227M004A(1)E045 88 8 45 1900 3 105 4 220 C/6032-28 T520C227M004A(1)E055 88 8 55 1700 3 105 4 220 L/6032-19 T520L227M004A(1)E012 88 8 12 3500 3 105 VDC µF KEMET/EIA (See below for part options) µA @ 20°C Maximum/5 Minutes % @ 20°C 120 Hz Maximum mΩ @ 20°C 100 kHz Maximum (mA) 45°C 100 kHz Temperature ≤ 260ºC (ºC) Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity Rated Temp Table 1 – Ratings & Part Number Reference cont'd Roll Over for Order Info. T 520 V 157 M 006 A T E045 Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Voltage Failure Rate/ Design Lead Material ESR Code Packaging (C-Spec) T = Tantalum 520 = Polymer A, B, C, D, H, L, M, Q, T, U, V, W, X, Y First two digits represent significant figures.Thirddigit specifiesnumber of zeros. M = ±20% 2R5 = 2.5 V 003 = 3 V 004 = 4 V 006 = 6.3 V 008 = 8 V 010 = 10 V 011 = 11 V 12R = 12.5 V 016 = 16 V 020 = 20 V 025 = 25 V A = N/A T = 100% Matte Tin (Sn) Plated H = Tin/Lead (SnPb) Solder Coated (5% Pb minimum) E = ESR Last three digits specify ESR in mΩ.(045=45 mΩ) Blank = 7" Reel 7280 = 13" Reel |
Similar Part No. - T520B337M2R5A1E070 |
|
Similar Description - T520B337M2R5A1E070 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |