Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA10.0 Datasheet(PDF) 2 Page - Clare, Inc.

Part # TA10.0
Description  HIGH-ENERGY TRIGGERED SPARK GAPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TA10.0 Datasheet(HTML) 2 Page - Clare, Inc.

  TA10.0 Datasheet HTML 1Page - Clare, Inc. TA10.0 Datasheet HTML 2Page - Clare, Inc. TA10.0 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HIGH-ENERGY TRIGGERED SPARK GAPS
SPECIFICATIONS
559
www.cpclare.com
Triggergaps
All characteristics at 25˚C
TA-1.0
TA-2.0
TA-5.0
PARAMETER
CONDITIONS
SYMBOL MIN
TYP MAX
MIN
TYP
MAX MIN
TYP
MAX UNITS
Device Specifications
Self-Breakdown Voltage
100V/s
E
Z
0.9
1.0
1.1
1.8
2.0
2.2
4.5
5.0
5.5
kV
Applied Voltage
E
bb
0.4
-
0.85
0.7
-
1.7
1.2
-
4.2
kV
Trigger Voltage1
t
r=0.5µs, PW=3.0µsetrig
3.0
-
2.5
3.0
-
2.5
3.5
-
2.5
kV pk
Dimension A
-
0.687 0.750 0.813 0.697 0.760 0.823 0.697 0.760 0.823 inches
Life Ratings
Discharge Life2
≥1000 shots into .2Ω
-
45
-
-50-
-50-
-
J
TA-7.0
TA-10.0
TA-15.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
Self-Breakdown Voltage
100V/s
E
Z
6.3
7.0
7.7
9.0
10.0
11.0
13.5
15.0
16.5
kV
Applied Voltage
E
bb
1.9
-
5.8
3.5
-
8.5
7.0
-
12.5
kV
Trigger Voltage1
t
r=0.5µs, PW=3.0µsetrig
3.7
-
2.8
5
-
3.5
8.0
-
4.5
kV pk
Dimension A
-
0.697 0.760 0.823 0.727 0.790 0.853 0.767 0.830 0.893 inches
Life Ratings
Discharge Life2
≥1000 shots into .2Ω
-
50
-
-60-
-70-
-
J
TB-2.5
TB-5.0
TB-10.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
Self-Breakdown Voltage
100V/s
E
Z
2.25 2.50
2.75
4.5
5.0
5.5
9.0
10.0
11.0
kV
Applied Voltage
E
bb
0.8
-
2.0
1.5
-
4.0
3.0
-
8.0
kV
Trigger Voltage1
t
r=0.5µs, PW=3.0µsetrig
3.1
-
1.8
3.2
-
1.9
4.6
-
2.1
kV pk
Dimension A
-
-
1.99
-
-
1.99
-
-
1.99
-
inches
Dimension B
-
-
-
0.23
-
-
0.23
-
-
0.58
inches
Dimension C
-
-
-
2.03
-
-
2.03
-
-
2.10
inches
Life Ratings
Discharge Life2
discharges into .3
-
150
-
-
150
-
-
300
-
-
J
TB-15.0
TB-20.0
TB-25.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
Self-Breakdown Voltage
100V/s
E
Z
13.5 15.0
16.5
18.0
20.0
22.0
22.5
25.0
27.5
kV
Applied Voltage
E
bb
4.5
-
12.0
6.0
-
16.0
7.5
-
20.0
kV
Trigger Voltage1
t
r=0.5µs, PW=3.0µsetrig
6.3
-
3.5
8.0
-
4.5
9.7
-
5.2
kV pk
Dimension A
-
-
2.67
-
-
2.79
-
-
2.79
-
inches
Dimension B
-
-
-
0.58
-
-
0.58
-
-
0.58
inches
Dimension C
-
-
-
2.10
-
-
2.10
-
-
2.10
inches
Life Ratings
Discharge Life2
discharges into .3
-
300
-
-
300
-
-
300
-
-
J
1 The trigger voltages given in these tables are the minimum triggering voltages necessary for triggering at the corresponding applied voltage limits. As the applied trigger voltage
increases, the trigger voltage required for triggering decreases. It is assumed that the trigger is applied across the trigger and adjacent main electrodes — higher trigger voltages are
required if it is applied across the trigger voltage and opposite main electrodes.
2 End point for life testing is a 15% reduction in the self-breakdown voltage.
3 Because the self-breakdown voltage of these devices is adjustable, the trigger voltage required for any particular applied voltage cannot be specified. Clare suggests setting the self-
breakdown voltage to at least 115% of the maximum applied voltage.


Similar Part No. - TA10.0

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
   Max. load 6,000N (push), 4,000N (pull)
20200603-F
logo
List of Unclassifed Man...
TA100 ETC1-TA100 Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA100 OHMITE-TA100 Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TA100 OHMITE-TA100 Datasheet
333Kb / 2P
   High Power Density
logo
Microchip Technology
TA100 MICROCHIP-TA100 Datasheet
718Kb / 28P
   CryptoAutomotive??TA100 (B5) Summary Data Sheet
Rev D
More results

Similar Description - TA10.0

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TX45 CLARE-TX45 Datasheet
186Kb / 4P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
GP-485 PERKINELMER-GP-485 Datasheet
71Kb / 6P
   Mini-Triggered Spark Gaps and Transformers
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
   SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
   SPARK GAPS
logo
PerkinElmer Optoelectro...
GPV-63 PERKINELMER-GPV-63 Datasheet
59Kb / 4P
   Triggered Vacuum Gaps
logo
Clare, Inc.
TG-6 CLARE-TG-6 Datasheet
195Kb / 7P
   HIGH ENERGY SPARK GAP DEVICES
logo
Okaya Electric America,...
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
   SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
   SPARK QUENCHER
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
   SPARK QUENCHER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com