Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-531020-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6-531020-5
Description  ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-531020-5 Datasheet(HTML) 1 Page - Tyco Electronics

  6-531020-5 Datasheet HTML 1Page - Tyco Electronics 6-531020-5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 6-531020-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-534267-0 MACOM-6-534267-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
6-534267-0 MACOM-6-534267-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
6-534267-0 MACOM-6-534267-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-534267-0 MACOM-6-534267-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
6-534267-1 MACOM-6-534267-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 6-531020-5

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Soberton Inc.
SP-1635 SOBERTON-SP-1635 Datasheet
225Kb / 1P
   Solder Eyelet Post
SP-2035 SOBERTON-SP-2035 Datasheet
213Kb / 1P
   Solder Eyelet Post
SP-2040 SOBERTON-SP-2040 Datasheet
259Kb / 1P
   Solder Eyelet Post
SP-2027 SOBERTON-SP-2027 Datasheet
214Kb / 1P
   Solder Eyelet Post
logo
Cvilux Corporation
CF25XX1D0X0-10-NH CVILUX-CF25XX1D0X0-10-NH Datasheet
201Kb / 2P
   1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22-08-2
CF31XX1D0XX-05-NH CVILUX-CF31XX1D0XX-05-NH Datasheet
780Kb / 3P
   0.50mm(,0207) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22.02.17
CF50XXXD0XX-10-NH CVILUX-CF50XXXD0XX-10-NH Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Weidmuller
9457740300 WEIDMULLER-9457740300 Datasheet
788Kb / 8P
   Sensor/actuator line, One end without connector
September 30, 2021
9457910300 WEIDMULLER-9457910300 Datasheet
801Kb / 8P
   Sensor/actuator line, One end without connector
September 30, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com