Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN6515J3-K Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTN6515J3-K
Description  N -Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN6515J3-K Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTN6515J3-K Datasheet HTML 1Page - Cystech Electonics Corp. MTN6515J3-K Datasheet HTML 2Page - Cystech Electonics Corp. MTN6515J3-K Datasheet HTML 3Page - Cystech Electonics Corp. MTN6515J3-K Datasheet HTML 4Page - Cystech Electonics Corp. MTN6515J3-K Datasheet HTML 5Page - Cystech Electonics Corp. MTN6515J3-K Datasheet HTML 6Page - Cystech Electonics Corp. MTN6515J3-K Datasheet HTML 7Page - Cystech Electonics Corp. MTN6515J3-K Datasheet HTML 8Page - Cystech Electonics Corp. MTN6515J3-K Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C739J3
Issued Date : 2009.10.19
Revised Date : 2012.11.27
Page No. : 2/9
MTN6515J3
CYStek Product Specification
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
2.5
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
100
°C/W
Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
VGS(th)
0.45
0.8
1.20
V
VDS =VGS, ID=250μA
IGSS
-
-
±
100
nA
VGS=±12, VDS=0
-
-
1
VDS =120V, VGS =0
IDSS
-
-
25
μA
VDS =100V, VGS =0, TJ=125
°C
-
60
75
VGS =10V, ID=15A
-
59
75
VGS =5V, ID=10A
RDS(ON) *1
-
60
75
VGS =3V, ID=3A
GFS *1
-
48
-
S
VDS =5V, ID=10A
Dynamic
Qg *1, 2
-
30
-
Qgs *1, 2
-
4.8
-
Qgd *1, 2
-
16
-
nC
ID=10A, VDS=80V, VGS=5V
td(ON) *1, 2
-
23
-
tr
*1, 2
-
22
-
td(OFF) *1, 2
-
91
-
tf *1, 2
-
63
-
ns
VDS=75V, ID=1A, VGS=4.5V, RG=6Ω
Ciss
-
2282
-
Coss
-
120
-
Crss
-
66
-
pF
VGS=0V, VDS=25V, f=1MHz
Source-Drain Diode
IS *1
-
-
20
ISM *3
-
-
60
A
VSD *1
-
0.85
1.3
V
IF=IS, VGS=0V
trr
-
50
-
ns
Qrr
-
120
-
nC
IF=20A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Ordering Information
Device
Package
Shipping
Marking
MTN6515J3
TO-252
(Pb-free lead plating package)
2500 pcs / Tape & Reel
N6515


Similar Part No. - MTN6515J3-K

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN6515J3 CYSTEKEC-MTN6515J3 Datasheet
266Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTN6515J3-K

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com