Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN7478Q8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTN7478Q8
Description  N-Channel Logic Level Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN7478Q8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTN7478Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTN7478Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTN7478Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTN7478Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTN7478Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTN7478Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTN7478Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTN7478Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTN7478Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C925Q8
Issued Date : 2014.02.27
Revised Date :
Page No. : 2/9
MTN7478Q8
CYStek Product Specification
Absolute Maximum Ratings (Tc=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TA=25
°C
7
Continuous Drain Current @ TA=100
°C
ID
4.4
Pulsed Drain Current
IDM
30 *1
Avalanche Current
IAS
7
A
Avalanche Energy @ L=1mH, ID=4.2A, RG=25Ω
EAS
15
Repetitive Avalanche Energy @ L=0.05mH
EAR
0.3 *2
mJ
TA=25℃
2.5
*3
Total Power Dissipation
TA=100℃
PD
1
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
25
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
50 *3
°C/W
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle≤1%
3. Surface mounted on 1 in² copper pad of FR-4 board, 125
°C/W when mounted on minimum copper pad
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
60
-
-
V
VGS=0V, ID=250μA
VGS(th)
1.0
1.6
2.5
V
VDS = VGS, ID=250μA
GFS *1
-
20
-
S
VDS =5V, ID=7A
IGSS
-
-
±
100
nA
VGS=±20V
-
-
1
VDS =48V, VGS =0V
IDSS
-
-
25
μA
VDS =48V, VGS =0V, TJ=125
°C
-
14
20
VGS =10V, ID=7A
RDS(ON) *1
-
16
25
VGS =4.5V, ID=5A
Dynamic
Ciss
-
2815
-
Coss
-
104
-
Crss
-
85
-
pF
VGS=0V, VDS=25V, f=1MHz


Similar Part No. - MTN7478Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN7451J3 CYSTEKEC-MTN7451J3 Datasheet
310Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTN7451Q8 CYSTEKEC-MTN7451Q8 Datasheet
331Kb / 9P
   N-Channel LOGIC Level Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
MTN7451Q8 VBSEMI-MTN7451Q8 Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
Marktech Corporate
MTN7456-11A MARKTECH-MTN7456-11A Datasheet
43Kb / 1P
   Marktech 0.56 Four Digit
MTN7456-11C MARKTECH-MTN7456-11C Datasheet
43Kb / 1P
   Marktech 0.56 Four Digit
More results

Similar Description - MTN7478Q8

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LN7303DT1WG LRC-LN7303DT1WG Datasheet
509Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
LN73023DT1WG LRC-LN73023DT1WG Datasheet
1Mb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
LNB8303DT0AG LRC-LNB8303DT0AG Datasheet
849Kb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Bruckewell Technology L...
MS17N03Q8 BWTECH-MS17N03Q8 Datasheet
352Kb / 4P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB17N03Q8 CYSTEKEC-MTB17N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
MTB55N06Q8 CYSTEKEC-MTB55N06Q8 Datasheet
325Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LNB8304RDT0AG LRC-LNB8304RDT0AG Datasheet
412Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P2206BV UNIKC-P2206BV Datasheet
795Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7304DT1WG LRC-LN7304DT1WG Datasheet
548Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P0908AD UNIKC-P0908AD Datasheet
804Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com