Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTNK3C3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # MTNK3C3
Description  ESD protected N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTNK3C3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  MTNK3C3 Datasheet HTML 1Page - Cystech Electonics Corp. MTNK3C3 Datasheet HTML 2Page - Cystech Electonics Corp. MTNK3C3 Datasheet HTML 3Page - Cystech Electonics Corp. MTNK3C3 Datasheet HTML 4Page - Cystech Electonics Corp. MTNK3C3 Datasheet HTML 5Page - Cystech Electonics Corp. MTNK3C3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C447C3
Issued Date : 2011.09.19
Revised Date :
Page No. : 6/6
MTNK3C3
CYStek Product Specification
SOT-523 Dimension
*: Typical
N
H
F
12
3
J
A
B
C
D
E
G
I
K L
M
O
Style: Pin 1.Gate 2.Source 3.Drain
3-Lead SOT-523 Plastic
Surface Mounted Package
CYStek Package Code: C3
Marking:
K3
Date
Code
Device
Code
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0079
0.0157
0.20
0.40
I
*0.0197
-
*0.50
-
B
0.0591
0.0669
1.50
1.70
J
0.0610
0.0650
1.55
1.65
C
0.0118
0.0197
0.30
0.50
K
0.0276
0.0315
0.70
0.80
D
0.0295
0.0335
0.75
0.85
L
0.0224
0.0248
0.57
0.63
E
0.0118
0.0197
0.30
0.50
M
0.0020
0.0059
0.05
0.15
F
0.0039
0.0118
0.10
0.30
N
0.0039
0.0118
0.10
0.30
G
0.0039
0.0118
0.10
0.30
O
0
0.0031
0
0.08
H
*0.0197
-
*0.50
-
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MTNK3C3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK3N3 CYSTEKEC-MTNK3N3 Datasheet
277Kb / 7P
   ESD protected N-CHANNEL MOSFET
MTNK3N3-0-T1-G CYSTEKEC-MTNK3N3-0-T1-G Datasheet
277Kb / 7P
   ESD protected N-CHANNEL MOSFET
MTNK3S3 CYSTEKEC-MTNK3S3 Datasheet
269Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3W3 CYSTEKEC-MTNK3W3 Datasheet
270Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3Y3 CYSTEKEC-MTNK3Y3 Datasheet
303Kb / 6P
   ESD protected N-CHANNEL MOSFET
More results

Similar Description - MTNK3C3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK3S3 CYSTEKEC-MTNK3S3 Datasheet
269Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3W3 CYSTEKEC-MTNK3W3 Datasheet
270Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTDK3S6R CYSTEKEC-MTDK3S6R Datasheet
251Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTN2002ZW3 CYSTEKEC-MTN2002ZW3 Datasheet
269Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTN2002ZS3 CYSTEKEC-MTN2002ZS3 Datasheet
267Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3N3 CYSTEKEC-MTNK3N3 Datasheet
277Kb / 7P
   ESD protected N-CHANNEL MOSFET
MTNK3Y3 CYSTEKEC-MTNK3Y3 Datasheet
303Kb / 6P
   ESD protected N-CHANNEL MOSFET
logo
KEC(Korea Electronics)
2N7000K KEC-2N7000K Datasheet
72Kb / 4P
   N Channel MOSFET ESD Protected 2000V
2N7002KDU KEC-2N7002KDU Datasheet
372Kb / 4P
   N Channel MOSFET ESD Protected 2000V
2N7002KA KEC-2N7002KA_18 Datasheet
51Kb / 3P
   N Channel MOSFET ESD Protected 2000V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com