Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTNK3N3-0-T1-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTNK3N3-0-T1-G
Description  ESD protected N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTNK3N3-0-T1-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTNK3N3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. MTNK3N3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. MTNK3N3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. MTNK3N3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. MTNK3N3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. MTNK3N3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. MTNK3N3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C447N3
Issued Date : 2010.08.18
Revised Date : 2013.10.23
Page No. : 3/7
MTNK3N3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
012
34
VDS, Drain-Source Voltage(V)
VGS=1.5V
3.5V
4.5V
3V
1.8V
2.0V
2.5V
5V
4.0V
Typical Transfer Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
01
23
4
56
VGS, Gate-Source Voltage(V)
VDS=3V
Static Drain-Source On-State resistance vs Drain Current
1
10
0.001
0.01
0.1
1
ID, Drain Current(A)
VGS=1.8V
VGS=4.5V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
1
2
3
4
5
6
7
02
46
8
1
VGS, Gate-Source Voltage(V)
0
ID=100mA
ID=20mA
Reverse Drain Current vs Source-Drain Voltage
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
00.1
0.2
0.3
0.4
IDR, Reverse Drain Current(A)
Capacitance vs Drain-to-Source Voltage
1
10
100
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss


Similar Part No. - MTNK3N3-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK3C3 CYSTEKEC-MTNK3C3 Datasheet
275Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3S3 CYSTEKEC-MTNK3S3 Datasheet
269Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3W3 CYSTEKEC-MTNK3W3 Datasheet
270Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3Y3 CYSTEKEC-MTNK3Y3 Datasheet
303Kb / 6P
   ESD protected N-CHANNEL MOSFET
More results

Similar Description - MTNK3N3-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK3S3 CYSTEKEC-MTNK3S3 Datasheet
269Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3C3 CYSTEKEC-MTNK3C3 Datasheet
275Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3W3 CYSTEKEC-MTNK3W3 Datasheet
270Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTDK3S6R CYSTEKEC-MTDK3S6R Datasheet
251Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTN2002ZW3 CYSTEKEC-MTN2002ZW3 Datasheet
269Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTN2002ZS3 CYSTEKEC-MTN2002ZS3 Datasheet
267Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3Y3 CYSTEKEC-MTNK3Y3 Datasheet
303Kb / 6P
   ESD protected N-CHANNEL MOSFET
logo
KEC(Korea Electronics)
2N7000K KEC-2N7000K Datasheet
72Kb / 4P
   N Channel MOSFET ESD Protected 2000V
2N7002KDU KEC-2N7002KDU Datasheet
372Kb / 4P
   N Channel MOSFET ESD Protected 2000V
2N7002KA KEC-2N7002KA_18 Datasheet
51Kb / 3P
   N Channel MOSFET ESD Protected 2000V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com