Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG-22 Datasheet(PDF) 6 Page - Clare, Inc.

Part # TG-22
Description  HIGH ENERGY SPARK GAP DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-22 Datasheet(HTML) 6 Page - Clare, Inc.

  TG-22 Datasheet HTML 1Page - Clare, Inc. TG-22 Datasheet HTML 2Page - Clare, Inc. TG-22 Datasheet HTML 3Page - Clare, Inc. TG-22 Datasheet HTML 4Page - Clare, Inc. TG-22 Datasheet HTML 5Page - Clare, Inc. TG-22 Datasheet HTML 6Page - Clare, Inc. TG-22 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPECIFICATIONS
569
www.cpclare.com
HIGH ENERGY SPARK GAP DEVICES
Three Electrode High-Energy Spark Gaps
All characteristics at 25˚C.
PART
APPLIED DC
MAIN STATIC DC PEAK CURRENT
DELAY TIME PACKAGE
DIMENSION A DIMENSION B DIMENSION C
NUMBER
VOLTAGE
BREAKDOWN (kV)
(KA)(7)
(
µS)(8)
OUTLINE
(INCHES)
(INCHES)
(INCHES
RANGE
KV (
±10%)
TG-7
1.3 - 4.0
5.0
15.0
0.1
I-A
2.427 nom
0.228 max
1.500 max
TG-88
1.3 - 4.0
5.0
15.0
0.1
I-B
2.427 nom
0.228 max
2.015 max
TG-114
2.5 - 8.0
10.0
15.0
0.1
I-B
2.427 nom
0.228 max
2.015 max
TG-121
0.8 - 2.0
2.5
15.0
0.3
I-B/I-D
1.990 nom
0.228 max
1.450 max
TG-122
1.5 - 4.0
5.0
15.0
0.1
I-B/I-D
1.990 nom
0.228 max
1.450 max
TG-123
2.3 - 6.0
7.5
15.0
0.1
I-B/I-D
1.990 nom
0.228 max
1.450 max
TG-124
3.0 - 8.0
10.0
15.0
0.1
I-B/I-D
1.990 nom
0.228 max
1.450 max
TG-125
4.5 - 12.0
15.0
20.0
0.1
I-B/I-D
2.67
0.54
1.560
TG-126
6.0 - 16.0
20.0
20.0
0.1
I-B/I-D
2.67
0.54
1.560
TG-127
7.5 - 20.0
25.0
20.0
0.1
I-B/I-D
2.797 nom
0.540 max
2.051 max
TG-151
2.7 - 6.0
6.8
15.0
0.1
special
-
-
-
TG-177
0.6 - 1.9
2.5
10.0
0.3
III
1.625 max
0.520
± .030
0.300
± .025
TG-178
1.5 - 3.5
5.0
10.0
0.2
III
1.625 max
0.580
± .030
0.340
± .025
TG-179
3.0 - 8.0
10.0
10.0
0.1
III
1.719 max
0.620
± .030
0.380
± .025
TG-180
4.5 - 12.0
15.0
10.0
0.1
III
1.906 max
0.725
± .030
0.490
± .025
TG-181
5.3 - 14.0
17.5
10.0
0.1
III
1.906 max
0.725
± .030
0.490
± .025
TG-240
0.4 - 0.85
1.0
10.0
0.1
II
0.750
± .063
-
-
TG-241
0.5 - 1.25
1.5
10.0
0.1
II
0.750
± .063
-
-
TG-242
0.7 - 1.7
2.0
10.0
0.1
II
0.760
± .063
-
-
TG-243
0.8 - 2.1
2.5
10.0
0.1
II
0.760
± .063
-
-
TG-244
1.2 - 4.2
5.0
10.0
0.1
II
0.760
± .063
-
-
TG-245
2.0 - 6.2
7.5
10.0
0.1
II
0.760
± .063
-
-
TG-246
3.5 - 8.5
10.0
10.0
0.15
II
0.790
± .063
-
-
TG-247
4.5 - 11.0
12.5
10.0
0.15
II
0.790
± .063
-
-
TG-248
7.0 - 12.5
15.0
10.0
0.15
II
0.830
± .063
-
-
TG-1208
8.3 - 22.2
25.0 - 30.0
20.0
0.1
I-B
2.797 nom
0.515
± .020
2.051 max
(7) The peak current is a conservative maximum for an approximately triangular pulse with a 50
µs half-width.
(8)
Delay time is for Mode A operation when the applied voltage is 80% of the main static breakdown and the trigger pulse reaches 150% of the maximum
trigger voltage.
ORDERING INFORMATION
A complete part number is represented
by the information in the Part Number
column of the specification table.


Similar Part No. - TG-22

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-222 CLARE-TG-222 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-224 CLARE-TG-224 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-225 CLARE-TG-225 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-226 CLARE-TG-226 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
More results

Similar Description - TG-22

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com