Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30R400 Datasheet(PDF) 3 Page - Littelfuse

Part # 30R400
Description  POLYFUSE Resettable PTCs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30R400 Datasheet(HTML) 3 Page - Littelfuse

  30R400 Datasheet HTML 1Page - Littelfuse 30R400 Datasheet HTML 2Page - Littelfuse 30R400 Datasheet HTML 3Page - Littelfuse 30R400 Datasheet HTML 4Page - Littelfuse 30R400 Datasheet HTML 5Page - Littelfuse 30R400 Datasheet HTML 6Page - Littelfuse 30R400 Datasheet HTML 7Page - Littelfuse 30R400 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2008 Littelfuse, Inc.
Revised: October 24, 2008
POLYFUSE® Resettable PTCs
©2008 Littelfuse, Inc.
30R Series
Radial Leaded > 30R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/30R.html for current information.
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C, 1000 hours
-/+5% typical resistance
change
Humidity Aging
+85°C, 85% R.H., 1000 hours
-/+5% typical resistance
change
Thermal Shock
+85°C to -40°C 10 times
-/+5% typical resistance
change
Solvent Resistance
MIL–STD–202, Method 215F
No change
Moisture Resistance Level
Level 2, J–STD–020C
Physical Specifications
Lead Material
0.90-2.50A: Tin-plated Copper clad steel
3.00-9.00A: Tin-plated Copper
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V-0 requirements.
Device Labeling
Marked with ‘LF’, voltage, current rating,
and date code.
Soldering Parameters - Wave Soldering
Pre-Heating Zone
Refer to the condition recommended
by the flux manufacturer.
Max. ramping rate should not exceed
4°C/Sec.
Soldering Zone
Max. solder temperature should not
exceed 260°C
Cooling Zone
Cooling by natural convection in air.
Preheating
160
190
220
260
0
5 max.
Soldering
Cooling
60 min.
Time(s)


Similar Part No. - 30R400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R400 LITTELFUSE-30R400 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
30R400 LITTELFUSE-30R400 Datasheet
182Kb / 7P
   POLYFUSE짰 Resettable PTCs Radial Leaded > 30R Series
30R400 LITTELFUSE-30R400 Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
30R400 LITTELFUSE-30R400 Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R400UF LITTELFUSE-30R400UF Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
More results

Similar Description - 30R400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com