Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30R800 Datasheet(PDF) 2 Page - Littelfuse

Part # 30R800
Description  POLYFUSE Resettable PTCs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30R800 Datasheet(HTML) 2 Page - Littelfuse

  30R800 Datasheet HTML 1Page - Littelfuse 30R800 Datasheet HTML 2Page - Littelfuse 30R800 Datasheet HTML 3Page - Littelfuse 30R800 Datasheet HTML 4Page - Littelfuse 30R800 Datasheet HTML 5Page - Littelfuse 30R800 Datasheet HTML 6Page - Littelfuse 30R800 Datasheet HTML 7Page - Littelfuse 30R800 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revised: October 24, 2008
©2008 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
30R Series
Radial Leaded > 30R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/30R.html for current information.
Temperature Rerating Curve
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Ambient OperationTemperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
30R090
1.31
1.17
1.04
0.90
0.75
0.69
0.61
0.55
0.47
30R110
1.60
1.43
1.27
1.10
0.91
0.85
0.75
0.67
0.57
30R135
1.96
1.76
1.55
1.35
1.12
1.04
0.92
0.82
0.70
30R160
2.32
2.08
1.84
1.60
1.33
1.23
1.09
0.98
0.83
30R185
2.68
2.41
2.13
1.85
1.54
1.42
1.26
1.13
0.96
30R250
3.63
3.25
2.88
2.50
2.08
1.93
1.70
1.53
1.30
30R300
4.35
3.90
3.45
3.00
2.49
2.31
2.04
1.83
1.56
30R400
5.80
5.20
4.60
4.00
3.32
3.08
2.72
2.44
2.08
30R500
7.25
6.50
5.75
5.00
4.15
3.85
3.40
3.05
2.60
30R600
8.70
7.80
6.90
6.00
4.98
4.62
4.08
3.66
3.12
30R700
10.15
9.10
8.05
7.00
5.81
5.39
4.76
4.27
3.64
30R800
11.60
10.40
9.20
8.00
6.64
6.16
5.44
4.88
4.16
30R900
13.05
11.70
10.35
9.00
7.47
6.93
6.12
5.49
4.68
Temperature Rerating
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
0.01
0.1
1
10
100
1000
10000
100000
30R
0.1
1
10
100
Current in Amperes


Similar Part No. - 30R800

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R800 LITTELFUSE-30R800 Datasheet
116Kb / 2P
   Radial Leaded PTC
30R800 LITTELFUSE-30R800 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
30R800 LITTELFUSE-30R800 Datasheet
182Kb / 7P
   POLYFUSE짰 Resettable PTCs Radial Leaded > 30R Series
30R800 LITTELFUSE-30R800 Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
30R800 LITTELFUSE-30R800 Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
More results

Similar Description - 30R800

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com