Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30R800 Datasheet(PDF) 5 Page - Littelfuse

Part # 30R800
Description  POLYFUSE Resettable PTCs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30R800 Datasheet(HTML) 5 Page - Littelfuse

  30R800 Datasheet HTML 1Page - Littelfuse 30R800 Datasheet HTML 2Page - Littelfuse 30R800 Datasheet HTML 3Page - Littelfuse 30R800 Datasheet HTML 4Page - Littelfuse 30R800 Datasheet HTML 5Page - Littelfuse 30R800 Datasheet HTML 6Page - Littelfuse 30R800 Datasheet HTML 7Page - Littelfuse 30R800 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2008 Littelfuse, Inc.
Revised: October 24, 2008
POLYFUSE® Resettable PTCs
©2008 Littelfuse, Inc.
30R Series
Radial Leaded > 30R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/30R.html for current information.
Packaging
Part Ordering Number System
PACKAGING STYLE
R: RADIAL
I
HOLD CURRENT CODE (SEE TABLE BELOW)
QUANTITY CODE: F=200 H=100 M=1000 P=2000 U=500
BLANK: Bulk
R: Tape & Ammo
30 R 250
U P R
TYPE: U (30VDC)
SERIES
VOLTAGE RATING (VDC)
Part Number
Ordering Number
I
hold
(A)
I
hold
Code
Packaging Option
Quantity
Quantity & Packaging
Codes
30R090
30R090UU
0.90
090
Bulk
500
U
30R090UPR
Tape and Ammo
2000
PR
30R110
30R110UU
1.10
110
Bulk
500
U
30R110UPR
Tape and Ammo
2000
PR
30R135
30R135UU
1.35
135
Bulk
500
U
30R135UPR
Tape and Ammo
2000
PR
30R160
30R160UU
1.60
160
Bulk
500
U
30R160UPR
Tape and Ammo
2000
PR
30R185
30R185UU
1.85
185
Bulk
500
U
30R185UPR
Tape and Ammo
2000
PR
30R250
30R250UU
2.50
250
Bulk
500
U
30R250UPR
Tape and Ammo
2000
PR
30R300
30R300UU
3.00
300
Bulk
500
U
30R300UPR
Tape and Ammo
2000
PR
30R400
30R400UF
4.00
400
Bulk
200
F
30R400UMR
Tape and Ammo
1000
MR
30R500
30R500UF
5.00
500
Bulk
200
F
30R500UMR
Tape and Ammo
1000
MR
30R600
30R600UF
6.00
600
Bulk
200
F
30R600UMR
Tape and Ammo
1000
MR
30R700
30R700UF
7.00
700
Bulk
200
F
30R700UMR
Tape and Ammo
1000
MR
30R800
30R800UH
8.00
800
Bulk
100
H
30R900
30R900UH
9.00
900
Bulk
100
H


Similar Part No. - 30R800

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R800 LITTELFUSE-30R800 Datasheet
116Kb / 2P
   Radial Leaded PTC
30R800 LITTELFUSE-30R800 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
30R800 LITTELFUSE-30R800 Datasheet
182Kb / 7P
   POLYFUSE짰 Resettable PTCs Radial Leaded > 30R Series
30R800 LITTELFUSE-30R800 Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
30R800 LITTELFUSE-30R800 Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
More results

Similar Description - 30R800

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com