Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP1406M3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTP1406M3
Description  P-Channel Logic Level Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP1406M3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTP1406M3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP1406M3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP1406M3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP1406M3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP1406M3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C733M3
Issued Date : 2011.05.16
Revised Date : 2013.08.12
Page No. : 1/5
MTP1406M3
CYStek Product Specification
P-Channel Logic Level Enhancement Mode MOSFET
BVDSS
-60V
ID
-4A
RDSON(MAX)
90.8mΩ
MTP1406M3
Features
• Single Drive Requirement
• Low On-resistance, RDS(ON)=90.8mΩ@VGS=-10V, ID=-4A
• Ultra High Speed Switching
• Pb-free lead plated package
Symbol
Outline
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-60
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current @ TC=25
°C
ID
-4
Continuous Drain Current @ TC=100
°C
ID
-2.4
Pulsed Drain Current *1
IDM
-16
A
Total Power Dissipation @TA=25℃
1.67
Total Power Dissipation @TA=100℃
Pd
0.83
W
Operating Junction and Storage Temperature
Tj, Tstg
-55~+175
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Duty cycle≤1%
MTP1406M3
SOT-89
G:Gate
D
G D S
S:Source
D:Drain


Similar Part No. - MTP1406M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP1406J3 CYSTEKEC-MTP1406J3 Datasheet
335Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP1406L3 CYSTEKEC-MTP1406L3 Datasheet
289Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTP1406M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
   P-Channel Logic Level Enhancement Mode MOSFET
MTC1016S6R CYSTEKEC-MTC1016S6R Datasheet
363Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5A1BA UNIKC-PK5A1BA Datasheet
813Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
P5103EMG UNIKC-P5103EMG Datasheet
761Kb / 8P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5B3BA UNIKC-PK5B3BA Datasheet
818Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTC2590V8 CYSTEKEC-MTC2590V8 Datasheet
418Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PK501BA UNIKC-PK501BA Datasheet
810Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com