Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP2402Q8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTP2402Q8
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP2402Q8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTP2402Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTP2402Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTP2402Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTP2402Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTP2402Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTP2402Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTP2402Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTP2402Q8 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C566Q8
Issued Date : 2012.06.12
Revised Date :
Page No. : 2/8
MTP2402Q8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Breakdown Voltage
BVDSS
-20
Gate-Source Voltage
VGS
±12
V
TA=25°C, VGS=-4.5V
-8.3
Continuous Drain Current (Note 1)
TA=70°C, VGS=-4.5V
ID
-6.6
Pulsed Drain Current (Note 2)
IDM
-30
A
TA=25°C
3.1
Total Power Dissipation (Note 1)
TA=70°C
PD
2
W
Operating Junction and Storage Temperature Range
Tj ; Tstg
-55~+150
°C
Thermal Resistance, Junction-to-Ambient (Note 1)
Rth,j-a
40
°C/W
Note : 1.Surface mounted on FR-4 board, t
≤10sec; 125°C/W when mounted on minimum copper pad.
The value in any given application depends on the user’s specific board design.
2.
Pulse width
≤300μs, Duty Cycle≤2%
Electrical Characteristics
(Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-20
-
-
V
VGS=0, ID=-250μA
VGS(th)
-0.5
-0.7
-1.0
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±12V, VDS=0
-
-
-1
VDS=-16V, VGS=0
IDSS
-
-
-25
μA
VDS=-16V, VGS=0, Tj=125°C
-
22
30
VGS=-10V, ID=-7A
-
27
35
VGS=-4.5V, ID=-4.5A
*RDS(ON)
-
35
50
m
Ω
VGS=-2.5V, ID=-2A
*GFS
-
13
-
S
VDS=-10V, ID=-7A
Dynamic
Ciss
-
1916
-
Coss
-
159
-
Crss
-
132
-
pF
VDS=-10V, VGS=0, f=1MHz
*td(ON)
-
11
-
*tr
-
15
-
*td(OFF)
-
44
-
*tf
-
18
-
ns
VDD=-10V, ID=-2A, VGS=-10V, RG=3.3Ω
*Qg
-
15
-
*Qgs
-
3
-
*Qgd
-
6.3
-
nC
VDS=-16V, VGS=-4.5V, ID=-7A
Source Drain Diode
*IS
-
-
-2
*ISM
-
-
-8
A
*VSD
-
-0.76
-1.2
V
VGS=0V, IS=-2A
*trr
-
22
-
ns
*Qrr
-
20
-
nC
IF=7A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTP2402Q8

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP200 NELLSEMI-MTP200 Datasheet
1Mb / 3P
   Three-Phase Bridge Rectifier, 200A
MTP200 NELLSEMI-MTP200 Datasheet
660Kb / 3P
   Three-Phase Bridge Rectifier
MTP20008 NELLSEMI-MTP20008 Datasheet
660Kb / 3P
   Three-Phase Bridge Rectifier
MTP20008D NELLSEMI-MTP20008D Datasheet
641Kb / 3P
   Three-Phase Bridge Rectifier
MTP20010 NELLSEMI-MTP20010 Datasheet
660Kb / 3P
   Three-Phase Bridge Rectifier
More results

Similar Description - MTP2402Q8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com