Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35156-0300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35156-0300
Description  3.96mm Pitch Wire-to-Board Housing: Positive Locking, 3 Circuits, Natural
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35156-0300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35156-0300 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/11/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35156-0300
Status:
Active
Description:
3.96mm Pitch Wire-to-Board Housing: Positive Locking, 3 Circuits, Natural
Documents:
3D Model
Product Specification PS-35156-003 (PDF)
Drawing (PDF)
Packaging Specification PK-35156-001 (PDF)
Product Specification PS-35156-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
35156
Application
Power, Wire-to-Board
Product Name
N/A
UPC
800754375764
Physical
Breakaway
No
Circuits (maximum)
3
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
0.933/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35156-001
Product Specification
PS-35156-001, PS-35156-003, RPS-35156-002,
RPS-35156-003, RPS-35156-101
Sales Drawing
SD-35156-**0*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35156Series
Mates With
35313 PCB Header, 35328 PCB Header
Use With
50217 Crimp Terminals
This document was generated on 11/11/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35156-0300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35156-0300 MOLEX4-35156-0300 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 3 Circuits, Natural
More results

Similar Description - 35156-0300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351560300 MOLEX4-0351560300 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 3 Circuits, Natural
35156-0200 MOLEX11-35156-0200 Datasheet
40Kb / 1P
   3.96mm Pitch Wire-to-Board Housing: Positive Locking, 2 Circuits, Natural
35156-0500 MOLEX11-35156-0500 Datasheet
40Kb / 1P
   3.96mm Pitch Wire-to-Board Housing: Positive Locking, 5 Circuits, Natural
35156-0600 MOLEX11-35156-0600 Datasheet
40Kb / 1P
   3.96mm Pitch Wire-to-Board Housing: Positive Locking, 6 Circuits, Natural
35156-0900 MOLEX11-35156-0900 Datasheet
40Kb / 1P
   3.96mm Pitch Wire-to-Board Housing: Positive Locking, 9 Circuits, Natural
0351561100 MOLEX4-0351561100 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 11 Circuits, Natural
0351560200 MOLEX4-0351560200 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 2 Circuits, Natural
0351560900 MOLEX4-0351560900 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 9 Circuits, Natural
0351560600 MOLEX4-0351560600 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 6 Circuits, Natural
0351550310 MOLEX4-0351550310 Datasheet
109Kb / 2P
   2.50mm (.098") Pitch Wire-to-Board Housing, Positive Lock, Natural, 3 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com