Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30R700UF Datasheet(PDF) 1 Page - Littelfuse

Part # 30R700UF
Description  POLYFUSE Resettable PTCs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30R700UF Datasheet(HTML) 1 Page - Littelfuse

  30R700UF Datasheet HTML 1Page - Littelfuse 30R700UF Datasheet HTML 2Page - Littelfuse 30R700UF Datasheet HTML 3Page - Littelfuse 30R700UF Datasheet HTML 4Page - Littelfuse 30R700UF Datasheet HTML 5Page - Littelfuse 30R700UF Datasheet HTML 6Page - Littelfuse 30R700UF Datasheet HTML 7Page - Littelfuse 30R700UF Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2008 Littelfuse, Inc.
Revised: October 24, 2008
POLYFUSE® Resettable PTCs
©2008 Littelfuse, Inc.
30R Series
Radial Leaded > 30R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/30R.html for current information.
30R Series
provide overcurrent protection for low voltage (≤30V)
applications where space is not a concern and resettable
protection is preferred.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
30R090
0.90
1.80
30
40
0.6
4.50
5.90
0.070
0.220
XX
30R110
1.10
2.20
30
40
0.7
5.50
6.60
0.050
0.170
XX
30R135
1.35
2.70
30
40
0.8
6.75
7.30
0.040
0.130
XX
30R160
1.60
3.20
30
40
0.9
8.00
8.00
0.030
0.110
XX
30R185
1.85
3.70
30
40
1.0
9.25
8.70
0.030
0.090
XX
30R250
2.50
5.00
30
40
1.2
12.50
10.30
0.020
0.070
XX
30R300
3.00
6.00
30
40
2.0
15.00
10.80
0.020
0.080
XX
30R400
4.00
8.00
30
40
2.5
20.00
12.70
0.010
0.050
XX
30R500
5.00
10.00
30
40
3.0
25.00
14.50
0.010
0.050
XX
30R600
6.00
12.00
30
40
3.5
30.00
16.00
0.005
0.040
XX
30R700
7.00
14.00
30
40
3.8
35.00
17.50
0.005
0.030
XX
30R800
8.00
16.00
30
40
4.0
40.00
18.80
0.005
0.020
XX
30R900
9.00
18.00
30
40
4.2
40.00
20.00
0.005
0.020
XX
Description
Features
Applications
lead-free
epoxy polymer insulating
material meets UL 94V-0
requirements
and peripherals
I
hold = Hold current: maximum current device will pass without tripping in 23°C still air.
I
trip = Trip current: minimum current at which the device will trip in 23°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (Imax)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 23°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 23°C measured one hour after tripping.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119318


Similar Part No. - 30R700UF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R700 LITTELFUSE-30R700 Datasheet
116Kb / 2P
   Radial Leaded PTC
30R700 LITTELFUSE-30R700 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
30R700 LITTELFUSE-30R700 Datasheet
182Kb / 7P
   POLYFUSE짰 Resettable PTCs Radial Leaded > 30R Series
30R700 LITTELFUSE-30R700 Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
30R700 LITTELFUSE-30R700 Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
More results

Similar Description - 30R700UF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com