Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACH330M63V4x63TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACH330M63V4x63TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACH330M63V4x63TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACH330M63V4x63TR13F Datasheet HTML 1Page - NIC-Components Corp. NACH330M63V4x63TR13F Datasheet HTML 2Page - NIC-Components Corp. NACH330M63V4x63TR13F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NACH 100 M 35V 5x6.3 TR 13 Y F
RoHS Compliant
97% Sn (min.), 3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in mF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
SPECIFICATIONS ARE SUBJECT TO CHANGE
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• WIDE TEMPERATURE -40° ~+105°C
• LONG LIFE (+105°C, 2000 HOURS)
• 6.3 mm MAXIMUM HEIGHT
• DESIGNED FOR REFLOW SOLDERING
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
Surface Mount Aluminum Electrolytic Capacitors NACH Series
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
4 ~ 50Vdc
Rate Capacitance Range
1.0 ~ 220
μF
Operating Temp. Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Minutes @ 20°C
0.01CV or 3
μA
whichever is greater
Working Voltage/Surge Voltage
Max. Tan
δ @120Hz/20°C
W.V. (Vdc)
4
6.3
10
16
25
35
50
S.V. (Vdc)
5
8.0
13
20
32
44
63
Dissipation Factor
0.50
0.30
0.22
0.16
0.14**
0.12
0.12
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-40°C/Z+20°C
7432222
Z-55/Z+20°C
12
864433
Load Life Test @105°C
2,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
Cap (
μF)
Code
Working Voltage (Vdc)
4.0
6.3
10
16
25
35
50
1.0
1R0
------
4x6.3
2.2
2R2
------
4x6.3
3.3
3R3
------
4x6.3
4.7
4R7
----
4x6.3
-
5x6.3
10
100
-
-
-
4x6.3
-
5x6.3
6.3x6.3
22
220
-
4x6.3
-
5x6.3
-
6.3x6.3
-
33
330
-
4x6.3
5x6.3
-
6.3x6.3
-
-
47
470
4x6.3
5x6.3
-
6.3x6.3
-
-
-
100
101
5x6.3
6.3x6.3
-
--
-
-
-
220
221
6.3x6.3
------
STANDARD VALUES AND CASE SIZES (mm)
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NACH330M63V4x63TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACH3R3K10V4X6.3TR13F NIC-NACH3R3K10V4X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACH3R3K10V5X6.3TR13F NIC-NACH3R3K10V5X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACH3R3K10V6.3X6.3TR13F NIC-NACH3R3K10V6.3X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACH3R3K16V4X6.3TR13F NIC-NACH3R3K16V4X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACH3R3K16V5X6.3TR13F NIC-NACH3R3K16V5X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACH330M63V4x63TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com