Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACH470M63V5x63TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACH470M63V5x63TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACH470M63V5x63TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACH470M63V5x63TR13F Datasheet HTML 1Page - NIC-Components Corp. NACH470M63V5x63TR13F Datasheet HTML 2Page - NIC-Components Corp. NACH470M63V5x63TR13F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Case Size
a
b
c
4
φ
1.0
2.6
1.8
5
φ
1.4
3.0
1.8
6.3
φ
1.8
3.6
1.8
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NACH Series
DIMENSIONS (mm)
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Case Size
D
φ ±0.5
L max.
A ±0.2
B ±0.2
I ±0.2
W
P ±0.2
4 x 6.3
4.0
6.3
4.3
4.3
1.8
0.5 ~ 0.8
1.0
5 x 6.3
5.0
6.3
5.3
5.3
2.2
0.5 ~ 0.8
1.5
6.3 x 6.3
6.3
6.3
6.6
6.6
2.5
0.5 ~ 0.8
2.2
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/120Hz
Maximum ESR (
Ω)
+20OC/120Hz
Load Life Hours
@ +105°C
NACH470M4V4x6.3TR13F
47
4.0
0.50
34
17.7
2,000
NACH101M4V5x6.3TR13F
100
0.50
61
8.31
2,000
NACH221M4V6.3x6.3TR13F
220
0.50
82
3.77
2,000
NACH220M6.3V4x6.3TR13F
22
6.3
0.30
26
22.6
2,000
NACH330M6.3V4x6.3TR13F
33
0.30
29
15.1
2,000
NACH470M6.3V5x6.3TR13F
47
0.30
46
10.6
2,000
NACH101M6.3V6.3x6.3TR13F
100
0.30
71
4.98
2,000
NACH330M10V5x6.3TR13F
33
10
0.22
43
11.1
2,000
NACH100M16V4x6.3TR13F
10
16
0.16
28
26.6
2,000
NACH220M16V5x6.3TR13F
22
0.16
39
12.1
2,000
NACH470M16V6.3X6.3TR13F
47
0.16
70
5.66
2,000
NACH4R7M25V4x6.3TR13F
4.7
25
0.14
22
49.5
2,000
NACH330M25V6.3x6.3TR13F
33
0.14
65
7.05
2,000
NACH100M35V5x6.3TR13F
10
35
0.12
28
19.9
2,000
NACH220M35V6.3x6.3TR13F
22
0.12
55
9.05
2,000
NACH1R0M50V4x6.3TR13F
1.0
50
0.12
10
199
2,000
NACH2R2M50V4x6.3TR13F
2.2
0.12
16
90.6
2,000
NACH3R3M50V4x6.3TR13F
3.3
0.12
16
60.4
2,000
NACH4R7M50V5x6.3TR13F
4.7
0.12
23
42.4
2,000
NACH100M50V6.3x6.3TR13F
10
0.12
35
19.9
2,000
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency Hz
50< f <100
100< f <1K
1K< f <10K
10K< f <100K
Correction
Factor
0.8
1.0
1.3
1.5
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment see part number system


Similar Part No. - NACH470M63V5x63TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACH4R7K10V4X6.3TR13F NIC-NACH4R7K10V4X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACH4R7K10V5X6.3TR13F NIC-NACH4R7K10V5X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACH4R7K10V6.3X6.3TR13F NIC-NACH4R7K10V6.3X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACH4R7K16V4X6.3TR13F NIC-NACH4R7K16V4X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACH4R7K16V5X6.3TR13F NIC-NACH4R7K16V5X6.3TR13F Datasheet
144Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACH470M63V5x63TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com